Electronic Components Datasheet Search
  English  ▼

X  

XAD Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # XAD
Description  XAD CONNECTOR 2.5 mm pitch/Disconnectable Crimp style wire-to-wire connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XAD Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  XAD Datasheet HTML 1Page - JST Mfg. Co., Ltd. XAD Datasheet HTML 2Page - JST Mfg. Co., Ltd. XAD Datasheet HTML 3Page - JST Mfg. Co., Ltd. XAD Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
This is dual-row panel mountable wire-to-
wire connector for the XAD connector for
printed circuit board (wire side).
● Compatible with XAD connector for
printed circuit board (wire side)
● Inner type contact lance
● Panel mountable
● Secure locking structure
Specifications
• Current rating: 3 A AC/DC (AWG #20)
• Voltage rating: 250 V AC/DC
• Temperature range: -25℃ to +85℃
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 10 mΩ max.
After environmental tests/ 20 mΩ max.
• Insulation resistance: 500 MΩ min.
• Withstanding voltage: 1,500 VAC/minute
• Applicable wire: AWG #28 to #20
* In using the products, refer to "Handling Precautions for Terminals
and Connectors" described on our website (Technical documents
of Product information page).
* RoHS2 compliance
* Dimensional unit: mm
* Contact JST for details.
Standards
Recognized E60389
Certified LR20812
R9851219
(25.2)
21.5
8.15±0.05
10.4+0.1
0
Circuit No. 1 mark
Note: C and D dimensions: Refer to the page of receptacle housing.
®
®
®
®
®
XADCONNECTOR
XAD CONNECTOR
2.5 mm pitch/Disconnectable Crimp style wire-to-wire connectors
XAD CONNECTOR
XAD CONNECTOR
(26.7)
Including retainer
● Receptacle housing incompatible with retainer
● Receptacle housing compatible with retainer
Assembly layout and Panel layout


Similar Part No. - XAD

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
XADN-FSP060-DHAN3 ADVANTECH-XADN-FSP060-DHAN3 Datasheet
766Kb / 2P
Tabletop Network Appliance with Intel® Atom™ Processor C2000 for universal vCPE and SD-WAN
9-Sep-2020
logo
List of Unclassifed Man...
XADRP-08V ETC2-XADRP-08V Datasheet
157Kb / 3P
2.5mm pitch/Disconnectable Crimp style connectors
XADRP-10V ETC2-XADRP-10V Datasheet
157Kb / 3P
2.5mm pitch/Disconnectable Crimp style connectors
XADRP-12V ETC2-XADRP-12V Datasheet
157Kb / 3P
2.5mm pitch/Disconnectable Crimp style connectors
XADRP-14V ETC2-XADRP-14V Datasheet
157Kb / 3P
2.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - XAD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
Disconnectable Crimp style Wire-to-wire connectors
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWM JST-RWM Datasheet
279Kb / 5P
Disconnectable crimp style Wire-to-wire connectors
RWZ JST-RWZ Datasheet
125Kb / 3P
Disconnectable Crimp style Wire-to wire connectors
XAF JST-XAF Datasheet
73Kb / 3P
2.5 mm pitch/Wire-to-board (IDC disconnectable style)/Wire-to-wire (IDC disconnectable style)
EL JST-EL_V01 Datasheet
178Kb / 4P
4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
YLP-06V JST-YLP-06V Datasheet
453Kb / 6P
YL CONNECTOR 4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
SLM JST-SLM Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com