Electronic Components Datasheet Search
  English  ▼

X  

UBA-R4R-S14-4S Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # UBA-R4R-S14-4S
Description  UB CONNECTOR USB (Universal Serial Bus) Conforming Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

UBA-R4R-S14-4S Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  UBA-R4R-S14-4S Datasheet HTML 1Page - JST Mfg. Co., Ltd. UBA-R4R-S14-4S Datasheet HTML 2Page - JST Mfg. Co., Ltd. UBA-R4R-S14-4S Datasheet HTML 3Page - JST Mfg. Co., Ltd. UBA-R4R-S14-4S Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
UB CONNECTOR
Model No.
Material and Finish
UBA-4R-S14C-4S
Contact
Housing
Shell
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Model No.
Material and Finish
UBA-4R-S14HD-4S
Contact
Housing
Shell
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
12.9±0.05
18.3±0.05
7±0.05
14.5
18.1
JST
23
4
16.7
0
-0.1
12.8
0
-0.1
0
1+0.1
2±0.05
10.28
15.22
2.5±0.05
1.12±0.05
Type A <SMT type>
FULL SMT
Model No.
Material and Finish
UBA-R4R-S14-4S
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Contact
Housing
Shell
10.28
7
±0.05
1.12
±0.05
±0.05
2
±0.05
2.5
14.5
15.22
(13.3)
±0.08
2-φ2.3
±0.05
13.14
Type A <SMT type>
Reverse
JST
23
4
7±0.05
2.5±0.05
2±0.05
1.12±0.05
12.9±0.03
13.3
14.5
15.22
10.28
M2.5
2-φ1.8
0
-0.03
Type A <SMT type>
With upper flange
RoHS compliance This product displays (LF)(SN) on a label.
RoHS compliance This product displays (LF)(SN) on a label.
RoHS compliance This product displays (LF)(SN) on a label.
Note: 1. The dimensions above should serve as a guideline. Contact JST for details.
2. Thin gold-plated (Au Flash) product that is USB 2.0 uncertified product (** 10) is also available.
Receptacle
USB 2.0 certified product
Model No.
Material and Finish
UBA-4R-S14-4S
Contact
Housing
Shell
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Model No.
Material and Finish
UBA-4R-S14A-4S
Contact
Housing
Shell
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Material and Finish
UBA-4R-S14B-4S
Contact
Housing
Shell
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Model No.
RoHS compliance This product displays (LF)(SN) on a label.
RoHS compliance This product displays (LF)(SN) on a label.
RoHS compliance This product displays (LF)(SN) on a label.
JST
23
4
24
15.22
13.3
2-M2.5
7±0.05
2±0.05
1.12±0.05
2.5±0.05
2-φ1.8
0
-0.03
12.9±0.03
10.28
Type A <SMT type>
With side flange
JST
23
4
7±0.05
2±0.05
13.14±0.05
1.12±0.05
2.5±0.05
14.5
15.22
13.3
10.28
10.28
2-φ2.3±0.08
Type A <SMT type>
Without flange
JST
23
4
7
2-M2.5
24
13.3
14.72
14.3
±0.05
1.12
±0.05
2
±0.05
2.5
±0.05
17.8
±0.05
20.3
13.72
Type A <SMT type, offset 3 mm>
With side flange
TID No.: 60000160
TID No.: 6000171
TID No.: 60000172
TID No.: 60000174
TID No.: 60000434
TID No.: 62000434
Q’ty/box: 250
Q’ty/box: 192
Q’ty/box: 378
Q’ty/box: 216
Q’ty/box: 192
Q’ty/box: 250



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com