Electronic Components Datasheet Search
  English  ▼

X  

0980ESL710 Datasheet(PDF) 1 Page - Lumberg

Part # 0980ESL710
Description  LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

0980ESL710 Datasheet(HTML) 1 Page - Lumberg

  0980ESL710 Datasheet HTML 1Page - Lumberg 0980ESL710 Datasheet HTML 2Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.lumberg-automationusa.com
800-235-3361 or 1-800-BELDEN1
9
Be Certain with Belden
LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
Type
0980 ESL 710
Product Description
LioN-M EtherNet/IP Device with 16 digital I/O channels, channels can be used
universally as inputs or outputs, M12 socket, rotary address switches for addressing,
M12 LAN-Ports, D-coded, 7/8" power supply.
Diagnostic indiction
LED
Indication
Condition
1...8 A
Yellow
Channel status 1
1...8 DIA A
Red
Periphery fault
1... 8 B
Yellow
Channel status 2
1... 8 DIA B
Red
Periphery fault
US
Green
Off
Sensor power supply applied
Sensor power supply missing
UL
Green
Off
Actuator power supply applied
Actuator power supply missing
P1 Lnk/Act
Green
Yellow flashing
Connected to an Ethernet device
I/O device exchanging data
P2 Lnk/Act
Green
Green flashing
Connected to an Ethernet device
I/O device exchanging data
MS (Module status)
Green
Green flashing
Red/Green flashing
Red flashing
Off
Device is ready for operating
Wrong configuration
Self test is running
Firmware update
Device is off
NS (Network status)
Green
Green flashing
Red
Red flashing
Off
Connection to master exists
IP address exists, but no connection to the master
IP address is used by a different device
Connection has timed out
Device is off
Part number
Order number
0980 ESL 710
0980 ESL 710
Bit assignment
DIA
7
6
5
4
3
2
1
0
M12 Input
Byte 0
4B
4A
3B
3A
2B
2A
1B
1A
Byte 1
8B
8A
7B
7A
6B
6A
5B
5A
M12 Output
Byte 0
4B
4A
3B
3A
2B
2A
1B
1A
Byte 1
8B
8A
7B
7A
6B
6A
5B
5A
Pin assignment
LAN connection M12, D-coded
Power supply 7/8"
Input/Output M12
1 = TD+
2 = RD+
3 = TD-
4 = RD
Housing = shielding
1 = +24V Actuators
2 = +24V System/Sensors
3 = GND (0V) System/Sensors
4 = GND (0V) Actuators
Housing = FE
1 = +24V
2 = IN/OUT B
3 = GND (0V)
4 = IN/OUT A
5 = earth
Housing = FE
www.lumberg-automationusa.com
800-235-3361 or 1-800-BELDEN1
9
Be Certain with Belden
LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
Type
0980 ESL 710
Product Description
LioN-M EtherNet/IP Device with 16 digital I/O channels, channels can be used
universally as inputs or outputs, M12 socket, rotary address switches for addressing,
M12 LAN-Ports, D-coded, 7/8" power supply.
Diagnostic indiction
LED
Indication
Condition
1...8 A
Yellow
Channel status 1
1...8 DIA A
Red
Periphery fault
1... 8 B
Yellow
Channel status 2
1... 8 DIA B
Red
Periphery fault
US
Green
Off
Sensor power supply applied
Sensor power supply missing
UL
Green
Off
Actuator power supply applied
Actuator power supply missing
P1 Lnk/Act
Green
Yellow flashing
Connected to an Ethernet device
I/O device exchanging data
P2 Lnk/Act
Green
Green flashing
Connected to an Ethernet device
I/O device exchanging data
MS (Module status)
Green
Green flashing
Red/Green flashing
Red flashing
Off
Device is ready for operating
Wrong configuration
Self test is running
Firmware update
Device is off
NS (Network status)
Green
Green flashing
Red
Red flashing
Off
Connection to master exists
IP address exists, but no connection to the master
IP address is used by a different device
Connection has timed out
Device is off
Part number
Order number
0980 ESL 710
0980 ESL 710
Bit assignment
DIA
7
6
5
4
3
2
1
0
M12 Input
Byte 0
4B
4A
3B
3A
2B
2A
1B
1A
Byte 1
8B
8A
7B
7A
6B
6A
5B
5A
M12 Output
Byte 0
4B
4A
3B
3A
2B
2A
1B
1A
Byte 1
8B
8A
7B
7A
6B
6A
5B
5A
Pin assignment
LAN connection M12, D-coded
Power supply 7/8"
Input/Output M12
1 = TD+
2 = RD+
3 = TD-
4 = RD
Housing = shielding
1 = +24V Actuators
2 = +24V System/Sensors
3 = GND (0V) System/Sensors
4 = GND (0V) Actuators
Housing = FE
1 = +24V
2 = IN/OUT B
3 = GND (0V)
4 = IN/OUT A
5 = earth
Housing = FE
1-717-217-2299
www.lumberg-automationusa.com
10
LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
Type
0980 ESL 710
Product Description
LioN-M EtherNet/IP Device with 16 digital I/O channels, channels can be used
universally as inputs or outputs, M12 socket, rotary address switches for addressing,
M12 LAN-Ports, D-coded, 7/8“ power supply.
Diagnostic indiction
LED
Indication
Condition
1...8 A
Yellow
Channel status 1
1...8 DIA A
Red
Periphery fault
1... 8 B
Yellow
Channel status 2
1... 8 DIA B
Red
Periphery fault
US
Green
Off
Sensor power supply applied
Sensor power supply missing
UL
Green
Off
Actuator power supply applied
Actuator power supply missing
P1 Lnk/Act
Green
Yellow flashing
Connected to an Ethernet device
I/O device exchanging data
P2 Lnk/Act
Green
Green flashing
Connected to an Ethernet device
I/O device exchanging data
MS (Module status)
Green
Green flashing
Red/Green flashing
Red flashing
Off
Device is ready for operating
Wrong configuration
Self test is running
Firnware update
Device is off
NS (Network status)
Green
Green flashing
Red
Red flashing
Off
Connection to master exists
IP address exists, but no connection to the master
IP address is used by a different device
Connection has timed out
Device is off
Part number
Order number
0980 ESL 710
0980 ESL 710
Bit assignment
DIA
7654321
0
M12 Input
Byte 0
4B
4A
3B
3A
2B
2A
1B
1A
Byte 1
8B
8A
7B
7A
6B
6A
5B
5A
M12 Output
Byte 0
4B
4A
3B
3A
2B
2A
1B
1A
Byte 1
8B
8A
7B
7A
6B
6A
5B
5A
Pin assignment
LAN connection M12, D-coded
Power supply 7/8”
Input/Output M12
1 = TD+
2 = RD+
3 = TD-
4 = RD
Housing = shielding
1 = +24 V Actuators
2 = +24 V Logic / Sensors
3 = GND (0 V) Logic / Sensors
4 = GND (0 V) Actuators
Housing = FE
1 = +24 V
2 = IN/OUT B
3 = GND (0 V)
4 = IN/OUT A
5 = earth
Housing = FE
1.800.Belden1 | www.lumberg-automationusa.com
1-717-217-2299
www.lumberg-automationusa.com
10
LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
Type
0980 ESL 710
Product Description
LioN-M EtherNet/IP Device with 16 digital I/O channels, channels can be used
universally as inputs or outputs, M12 socket, rotary address switches for addressing,
M12 LAN-Ports, D-coded, 7/8“ power supply.
Diagnostic indiction
LED
Indication
Condition
1...8 A
Yellow
Channel status 1
1...8 DIA A
Red
Periphery fault
1... 8 B
Yellow
Channel status 2
1... 8 DIA B
Red
Periphery fault
US
Green
Off
Sensor power supply applied
Sensor power supply missing
UL
Green
Off
Actuator power supply applied
Actuator power supply missing
P1 Lnk/Act
Green
Yellow flashing
Connected to an Ethernet device
I/O device exchanging data
P2 Lnk/Act
Green
Green flashing
Connected to an Ethernet device
I/O device exchanging data
MS (Module status)
Green
Green flashing
Red/Green flashing
Red flashing
Off
Device is ready for operating
Wrong configuration
Self test is running
Firnware update
Device is off
NS (Network status)
Green
Green flashing
Red
Red flashing
Off
Connection to master exists
IP address exists, but no connection to the master
IP address is used by a different device
Connection has timed out
Device is off
Part number
Order number
0980 ESL 710
0980 ESL 710
Bit assignment
DIA
7654321
0
M12 Input
Byte 0
4B
4A
3B
3A
2B
2A
1B
1A
Byte 1
8B
8A
7B
7A
6B
6A
5B
5A
M12 Output
Byte 0
4B
4A
3B
3A
2B
2A
1B
1A
Byte 1
8B
8A
7B
7A
6B
6A
5B
5A
Pin assignment
LAN connection M12, D-coded
Power supply 7/8”
Input/Output M12
1 = TD+
2 = RD+
3 = TD-
4 = RD
Housing = shielding
1 = +24 V Actuators
2 = +24 V Logic / Sensors
3 = GND (0 V) Logic / Sensors
4 = GND (0 V) Actuators
Housing = FE
1 = +24 V
2 = IN/OUT B
3 = GND (0 V)
4 = IN/OUT A
5 = earth
Housing = FE
1.800.Belden1 | www.lumberg-automationusa.com


Similar Part No. - 0980ESL710

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
0980ESL109-121 BELDEN-0980ESL109-121 Datasheet
458Kb / 4P
LioN-P, PROFINET IO-Link Master, 4DI 8IOL (8x M12), M12 L-coded Power Supply Metal, 30 mm
0980ESL109-122 BELDEN-0980ESL109-122 Datasheet
439Kb / 4P
LioN-P, PROFINET IO-Link Master, 4DI 8IOL (8x M8), M12 L-coded Power Supply, Metal, 30 mm
0980ESL109-331 BELDEN-0980ESL109-331 Datasheet
421Kb / 4P
LioN-P, PROFINET IO-Link Master, 4DI 8IOL (8x M12), M12 Y-coded Power Supply, Metal, 30 mm
0980ESL109-332 BELDEN-0980ESL109-332 Datasheet
426Kb / 4P
LioN-P, PROFINET IO-Link Master, 4DI 8IOL (8x M8), M12 Y-coded Power Supply, Metal, 30 mm
0980ESL199-121 BELDEN-0980ESL199-121 Datasheet
462Kb / 5P
LioN-P, Multiprotocol IO-Link Master, 4DI 8IOL (8x M12), M12 L-coded Power Supply, Metal, 30 mm
More results

Similar Description - 0980ESL710

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4056SO ADVANTECH-ADAM-4056SO Datasheet
80Kb / 1P
16-ch Digital Input Module 16-ch Isolated Digital I/O Module with Modbus
logo
Silicon Laboratories
SI838X SILABS-SI838X Datasheet
597Kb / 30P
Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules
logo
PHOENIX CONTACT
2742638 PHOENIX-2742638 Datasheet
279Kb / 5P
PROFIBUS-DP/V1 Bus Coupler Station With 16 Digital Inputs and 16 Digital Outputs
2897570 PHOENIX-2897570 Datasheet
744Kb / 16P
Inline Block IO Module for SERCOS III With 16 Digital Inputs and 16 Digital Inputs/Outputs
5634B PHOENIX-5634B Datasheet
311Kb / 12P
Digital Input Module with 16 Inputs
6884 PHOENIX-6884 Datasheet
975Kb / 15P
Inline Block IO module for CANopen with 16 digital inputs and 16 digital outputs
6885 PHOENIX-6885 Datasheet
950Kb / 17P
Inline Block IO Module for DeviceNet??With 16 Digital Inputs and 16 Digital Outputs
logo
Moxa Inc.
E3200 MOXA-E3200 Datasheet
611Kb / 4P
Ethernet peer-to-peer I/O with 8 digital inputs and 8 digital outputs
logo
Black Box Registered Tr...
ED-516 BLACKBOX-ED-516 Datasheet
1Mb / 6P
ED-516 ETHERNET TO Digital IO 16 Inputs
logo
Skyworks Solutions Inc.
SI838X SKYWORKS-SI838X Datasheet
1,018Kb / 32P
Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules
Revision 1.0 April, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com