Electronic Components Datasheet Search
  English  ▼

X  

FPB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FPB
Description  Resin Coated Metallized Film Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FPB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FPB Datasheet HTML 1Page - List of Unclassifed Manufacturers FPB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
樹脂外装メタライズドフィルムコンデンサ
Resin Coated Metallized Film Capacitors
Nitsuko Electronics Corporation
定格寸法表 (FPB) Standard dimensions (㎜)
Part cord
Rated
voltage
( V
DC )
Capacitance
(μF)
Tolerance
(%)
A
max
B
max
L
max
P
±
0.75
φd
Permissible
current
Iop (A)
Taping
PCS/Package
FPB22E474K
250
0.47
±10
4.4
13.5
12.5
10.0
0.6
11.4
700
FPB22E684K
0.68
5.2
14.5
12.5
10.0
0.6
16.5
600
FPB22E105K
1.0
6.6
15.8
12.5
10.0
0.6
24.3
500
FPB22E155K
1.5
8.3
17.5
12.5
10.0
0.6
36.4
No Taping
FPB22E225K
2.2
7.1
17.7
17.8
15.0
0.8
30.0
FPB22E335K
3.3
8.6
20.0
17.8
15.0
0.8
45.0
FPB22E475K
4.7
11.6
21.0
17.8
15.0
0.8
64.1
FPB22E685K
6.8
10.4
21.5
25.5
22.5
0.8
57.5
FPB22E106K
10
13.4
24.8
25.5
22.5
0.8
84.5
FPB22W224K
450
0.22
±10
4.7
10.0
12.5
10.0
0.6
6.4
600
FPB22W334K
0.33
4.7
13.0
12.5
10.0
0.6
9.6
600
FPB22W474K
0.47
5.5
14.0
12.5
10.0
0.6
13.7
500
FPB22W684K
0.68
6.5
15.8
12.5
10.0
0.6
19.8
500
FPB22W105K
1.0
8.0
17.4
12.5
10.0
0.6
29.2
No Taping
FPB22W155K
1.5
9.0
15.4
17.8
15.0
0.8
24.6
300
FPB22W225K
2.2
10.8
17.2
17.8
15.0
0.8
36.0
No Taping
FPB22W335K
3.3
13.5
20.0
17.8
15.0
0.8
54.0
FPB22W475K
4.7
15.5
24.5
17.8
15.0
0.8
76.9
FPB22J683K
630
0.068
±10
4.8
9.9
12.5
10.0
0.6
3.9
600
FPB22J104K
0.1
5.0
12.5
12.5
10.0
0.6
5.8
600
FPB22J154K
0.15
6.6
12.8
12.5
10.0
0.6
8.6
500
FPB22J224K
0.22
6.9
16.4
12.5
10.0
0.6
12.7
400
FPB22J334K
0.33
6.2
15.2
17.8
15.0
0.8
9.9
500
FPB22J474K
0.47
7.6
16.7
17.8
15.0
0.8
14.1
No Taping
FPB22J684K
0.68
9.3
18.7
17.8
15.0
0.8
20.3
FPB22J105K
1.0
8.7
18.0
25.5
22.5
0.8
17.9
FPB22J155K
1.5
10.8
20.0
25.5
22.5
0.8
26.8
FPB22J225K
2.2
13.0
23.0
25.5
22.5
0.8
39.3
FPB23B102K
1250
(125
VAC
※)
0.001
±10
5.7
10.9
15.0
12.5
0.6
0.7
600
FPB23B152K
0.0015
5.8
11.0
15.0
12.5
0.6
1.1
600
FPB23B222K
0.0022
5.1
11.1
15.0
12.5
0.6
1.1
700
FPB23B332K
0.0033
5.3
11.3
15.0
12.5
0.6
1.6
600
FPB23B472K
0.0047
6.0
12.1
15.0
12.5
0.6
2.3
600
FPB23B682K
0.0068
7.0
13.0
15.0
12.5
0.6
3.3
500
FPB23B103K
0.01
6.0
11.3
15.0
12.5
0.6
3.6
500
FPB23B153K
0.015
7.2
12.5
15.0
12.5
0.6
5.5
400
FPB23B223K
0.022
7.5
16.0
15.0
12.5
0.6
8.0
400
FPB23B333K
0.033
6.5
14.0
20.5
17.5
0.8
4.5
No Taping
FPB23B473K
0.047
7.5
15.5
20.5
17.5
0.8
6.4
FPB23B683K
0.068
8.5
17.5
20.5
17.5
0.8
9.3
FPB23B104K
0.1
10.0
20.0
20.5
17.5
0.8
13.7
FPB23B154K
0.15
10.0
20.0
25.5
22.5
0.8
12.6
FPB23B224K
0.22
12.0
23.0
25.5
22.5
0.8
18.5
※ 定格電圧 1250VDC は定格電圧 125VAC として、電源 1 次側にてアクロス・ザ・ラインコンデンサとして使用可能です。
(+85℃MAX)
周波数別許容実効電流値 Permissible Current vs Frequency
It can be used with the rated 125VAC in primary side (50/60 Hz, Across-the-line )
(+85℃MAX)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com