Electronic Components Datasheet Search
  English  ▼

X  

MDD Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MDD
Description  Resin Coated Metalized Polyester Film Capacitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MDD Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MDD Datasheet HTML 2Page - List of Unclassifed Manufacturers MDD Datasheet HTML 3Page - List of Unclassifed Manufacturers MDD Datasheet HTML 4Page - List of Unclassifed Manufacturers MDD Datasheet HTML 5Page - List of Unclassifed Manufacturers MDD Datasheet HTML 6Page - List of Unclassifed Manufacturers MDD Datasheet HTML 7Page - List of Unclassifed Manufacturers MDD Datasheet HTML 8Page - List of Unclassifed Manufacturers MDD Datasheet HTML 9Page - List of Unclassifed Manufacturers MDD Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
周波数別許容実効電流値
Permissible current vs. Frequency
MDD 5mm Pitch 250VDC
103
223
473
333
153
683
0.0
0.2
0.4
0.6
10
100
1000
周波数
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com