Electronic Components Datasheet Search
  English  ▼

X  

MGFS80 Datasheet(PDF) 28 Page - COSEL CO., LTD.

Part # MGFS80
Description  DC-DC Converters PCB Mount Type
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGFS80 Datasheet(HTML) 28 Page - COSEL CO., LTD.

Back Button MGFS80 Datasheet HTML 20Page - COSEL CO., LTD. MGFS80 Datasheet HTML 21Page - COSEL CO., LTD. MGFS80 Datasheet HTML 22Page - COSEL CO., LTD. MGFS80 Datasheet HTML 23Page - COSEL CO., LTD. MGFS80 Datasheet HTML 24Page - COSEL CO., LTD. MGFS80 Datasheet HTML 25Page - COSEL CO., LTD. MGFS80 Datasheet HTML 26Page - COSEL CO., LTD. MGFS80 Datasheet HTML 27Page - COSEL CO., LTD. MGFS80 Datasheet HTML 28Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
¿
MGF40 (Rated Input Voltage)
¿
MGF80 (Rated Input Voltage)
(1) In the case of Convection Cooling
(1) In the case of Convection Cooling
(2) In the case of Forced Air Cooling (1.0m/s)
(2) In the case of Forced Air Cooling (1.0m/s)
- 40
- 20
0
20
40
60
80
100
0
50
100
Ambient temperature Ta [C]
(45)
(65)
(55)
(85)
A B C D E F
Input Voltage[V]
Output Voltage[V]
3.3
5
12
15
±12
±15
5
B
A
B
C
B
B
24
E
D
E
F
E
E
48
F
D
F
E
E
E
- 40
- 20
0
20
40
6
(55) 0
80
100
0
50
100
(85)
Ambient temperature Ta [C]
(65)
A B C D
Input Voltage[V]
Output Voltage[V]
3.3
5
12
15
±12
±15
24
B
A
C
C
C
C
48
C
B
C
D
C
C
-40- 20
020406080
100
0
50
100
(85)
Ambient temperatureTa[C]
Forced air (1.0m/s)
-40- 20
020406080
100
0
50
100
(85)
Ambient temperatureTa[C]
Forced air (1.0m/s)
MG-79
Derating
◆
It is neccessary to read the “Instruction Manual” and “Before using our product” before you use our product.
Instruction Manual
https://en.cosel.co.jp/product/powersupply/MGS/
Instruction Manual
https://en.cosel.co.jp/product/powersupply/MGW/
Instruction Manual
https://en.cosel.co.jp/product/powersupply/MGFS/
Instruction Manual
https://en.cosel.co.jp/product/powersupply/MGFW/
Before using our product
https://en.cosel.co.jp/technical/caution/index.html
Instruction Manual
NOTICE
MGFW
MGFS
MGW
MGS
Basic Characteristics Data
Model
Circuit method
Switching
frequency
[kHz]
(reference)
Input
current
[A]
Inrush
current
protection
PCB/Pattern
Series/Parallel
operation availability
Material
Single
sided
Double
sided
Series
operation
Parallel
operation
MG15
Flyback converter
445-495
*1
-
glass fabric base,epoxy resin
Yes
Yes
*2
MGF15
Flyback converter
445-495
*1
-
glass fabric base,epoxy resin
Yes
Yes
*2
MG30
Forward converter
380-460
*1
-
glass fabric base,epoxy resin
Yes
Yes
*2
MGF30
Forward converter
380-460
*1
-
glass fabric base,epoxy resin
Yes
Yes
*2
MGF40
Flyback converter
100-1500 *3
*1
-
glass fabric base,epoxy resin
Yes
Yes
*2
MGF80
Flyback converter
100-1500 *3
*1
-
glass fabric base,epoxy resin
Yes
Yes
*2
*1 Refer to Specification.
*2 Refer to Instruction Manual.
*3 The value changes depending on input and load.
MG15,MG30,MG40,MG80-series
January 31, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com