Electronic Components Datasheet Search
  English  ▼

X  

SD2EMI Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # SD2EMI
Description  Panduct® PanelMax™ Shielded Wiring Duct
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

SD2EMI Datasheet(HTML) 1 Page - PANDUIT CORP.

  SD2EMI Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.panduit.com
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catalog back cover).
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SYSTEMS
Panduct® PanelMax™ Noise Shield
• Used within Panduit wiring duct or mounted separately,
PanelMax ™ Noise Shield separates and shields sensitive
wiring from noise emission
• Up to 20dB noise reduction, 90% noise voltage reduction
(up to 6 inches air space)
• Material: zinc-plated steel with black powder coating on
vertical surfaces
Standard package quantity in kits.
Panduct® PanelMax™ Shielded Wiring Duct
• The shielded wiring duct routes, separates, and shields
sensitive wiring from noise emission
• Up to 20dB noise reduction, 90% noise voltage reduction
(up to 6 inches air space)
• Lead-free PVC with metallic foil finish
• UL recognized continuous use temperature – 122°F (50°C)
• Provided with mounting holes
• Base and cover length is 6 feet
• Use with Type C cover (purchased separately)
Use C2LG6 or C2WH6 cover with shielded wiring duct. Standard package quantity in feet.
Part Number
Part Description
Std.
Pkg.
Qty.
G2X2LG6EMI
2" x 2" PanelMax ™ Shielded Wiring Duct in two 6-foot lengths.
Foil metal finish. Cover sold separately.
12
G2X3LG6EMI
2" x 3" PanelMax ™ Shielded Wiring Duct in two 6-foot lengths.
Foil metal finish. Cover sold separately.
12
G2X4LG6EMI
2" x 4" PanelMax ™ Shielded Wiring Duct in two 6-foot lengths.
Foil metal finish. Cover sold separately.
12
.50 [12.7] TYP.
.20 [5.0] TYP.
4.00
[101.6] TYP.
2.00
[50.8]
K
K
CL
B
A
C
T
.84 [21.3]
.48 [12.1]
D
.80 [20.2]
.33 [8.4]
H
E
F
.57 [14.5]
.84 [21.3]
foil application
Part Number
Dimensions – Inches (mm)
A
B
C
D
E
F
H
K
T
G2X2LG6EMI
2.25
2.12
2.25
1.63
0.31
0.8
2
0.5
0.08
(57.2)
(53.8)
(57.2)
(41.3)
(7.9)
(20.3)
(50.8)
(12.7)
(2.0)
G2X3LG6EMI
2.25
3.12
2.25
2.63
0.31
1
3
0.5
0.1
(57.2)
(79.2)
(57.2)
(66.7)
(7.9)
(25.4)
(76.2)
(12.7)
(2.4)
G2X4LG6EMI
2.25
4.1
2.25
3.63
0.31
1
4
0.5
0.11
(57.2)
(104.1)
(57.2)
(92.1)
(7.9)
(25.4)
(101.6)
(12.7)
(2.7)
Part Number
Part Description
Std.
Pkg.
Qty.
SD2EMI
EMI noise shield kit for 2" height Panduit wiring duct; two 3-foot sections,
bonding clips, and anti-oxidizing paste.
1
SD3EMI
EMI noise shield kit for 3" height Panduit wiring duct; two 3-foot sections,
bonding clips, and anti-oxidizing paste.
1
SD4EMI
EMI noise shield kit for 4" height Panduit wiring duct; two 3-foot sections,
bonding clips, and anti-oxidizing paste.
1
GAP
.16 [4.2]
1.40
[35.6]
.20
[5.1]
2.62
[66.6]
.75 [19.0]
2.00
[50.8]
.30
[7.6]
.80
[20.3]
.96
[24.4]
X
1.00
[25.4]
.50 [12.7]
TYP.
.20 [5.0] TYP.
1.00
[25.4]
.52 [13.3]
Part No.
X
In. (mm)
SD2EMI
1.82 [46.1]
SD3EMI
2.88 [73.2]
SD4EMI
3.86 [98.2]


Similar Part No. - SD2EMI

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
SD2EMI PANDUIT-SD2EMI Datasheet
2Mb / 8P
Panduct® PanelMax Shielded Wiring Duct
6/2015
More results

Similar Description - SD2EMI

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
DH1851AC SYSTEMSENSOR-DH1851AC Datasheet
497Kb / 2P
Duct Detectors
logo
Richco, Inc.
SCD-1521 RICHCO-SCD-1521 Datasheet
58Kb / 1P
SINGLE CABLE DUCT
SRWD-0820 RICHCO-SRWD-0820 Datasheet
79Kb / 1P
SLOTTED RICHCO WIRING DUCT
logo
PANDUIT CORP.
NC1WH6 PANDUIT-NC1WH6 Datasheet
82Kb / 2P
Bench Mount Wiring Duct Cutting Tool
F2X3IB6 PANDUIT-F2X3IB6 Datasheet
72Kb / 1P
WIRING DUCT - TYPE F WITH COVER 2 X 3
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
Panduct Snap-Clip Mounting Brackets
F1X2LG6 PANDUIT-F1X2LG6 Datasheet
379Kb / 2P
Type C Wiring Duct Cover with Protective Film
logo
Western Digital Corpora...
SDCZ50-002G-A11 WESTERN-SDCZ50-002G-A11 Datasheet
481Kb / 2P
SanDisk® Cruzer® Blade™ USB flash drive
Rev. 2, 12/10
logo
Greystone Energy System...
PS-DWDT GREYSTONE-PS-DWDT Datasheet
336Kb / 2P
DUCT DEWPOINT TRANSMITTER
logo
Lapp.
52105020 LAPP-52105020 Datasheet
99Kb / 1P
SKINDICHT® DTN can be used as multiple-duct sleeve.
03.07.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com