Electronic Components Datasheet Search
  English  ▼

X  

TW Datasheet(PDF) 18 Page - IDEC Corporation

Part # TW
Description  TW Series — 22mm NEMA Style Pushbuttons
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

TW Datasheet(HTML) 18 Page - IDEC Corporation

Back Button TW Datasheet HTML 14Page - IDEC Corporation TW Datasheet HTML 15Page - IDEC Corporation TW Datasheet HTML 16Page - IDEC Corporation TW Datasheet HTML 17Page - IDEC Corporation TW Datasheet HTML 18Page - IDEC Corporation TW Datasheet HTML 19Page - IDEC Corporation TW Datasheet HTML 20Page - IDEC Corporation TW Datasheet HTML 21Page - IDEC Corporation TW Datasheet HTML 22Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
713
800-262-IDEC (4332) • USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Non-Illuminated Selector Switches (Assembled) continued
2-Position Selector Switches
Style
Part Number
Operator
Position
Maintained
Spring Return
from Right
Spring Return
from Left
L
R
L
R
L
R
L
R
1NO
1
2
O
O
X
O
Knob
Lever
Key
ASW210
ASW2L10
ASW2K10
ASW2110
ASW21L10
ASW21K10
ASW2210
ASW22L10
ASW22K10
1NC
1
2
X
O
O
O
Knob
Lever
Key
ASW201-116
ASW2L01-116
ASW2K01-116
ASW2101-116
ASW21L01-116
ASW21K01-116
ASW2201-116
ASW22L01-116
ASW22K01-116
1NO
1NC
1
2
X
O
O
X
Knob
Lever
Key
ASW211
ASW2L11
ASW2K11
ASW2111
ASW21L11
ASW21K11
ASW2211
ASW22L11
ASW22K11
2NO
1
2
O
O
X
X
Knob
Lever
Key
ASW220
ASW2L20
ASW2K20
ASW2120
ASW21L20
ASW21K20
ASW2220
ASW22L20
ASW22K20
2NC
1
2
X
X
O
O
Knob
Lever
Key
ASW202-104
ASW2L02-104
ASW2K02-104
ASW2102-104
ASW21L02-104
ASW21K02-104
ASW2202-104
ASW22L02-104
ASW22K02-104
2NO
2NC
1
2
3
4
O
X
O
X
X
O
X
O
Knob
Lever
Key
ASW222
ASW2L22
ASW2K22
ASW2122
ASW21L22
ASW21K22
ASW2222
ASW22L22
ASW22K22
2NO
2NC
1
2
3
4
O
O
X
X
X
X
O
O
Knob
Lever
Key
ASW222-111
ASW2L22-111
ASW2K22-111
ASW2122-111
ASW21L22-111
ASW21K22-111
ASW2222-111
ASW22L22-111
ASW22K22-111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com