Electronic Components Datasheet Search
  English  ▼

X  

TLP627M Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TLP627M
Description  Photocouplers Infrared LED & Photo Darlington Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP627M Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TLP627M Datasheet HTML 10Page - Toshiba Semiconductor TLP627M Datasheet HTML 11Page - Toshiba Semiconductor TLP627M Datasheet HTML 12Page - Toshiba Semiconductor TLP627M Datasheet HTML 13Page - Toshiba Semiconductor TLP627M Datasheet HTML 14Page - Toshiba Semiconductor TLP627M Datasheet HTML 15Page - Toshiba Semiconductor TLP627M Datasheet HTML 16Page - Toshiba Semiconductor TLP627M Datasheet HTML 17Page - Toshiba Semiconductor TLP627M Datasheet HTML 18Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
TLP627M,TLP627MF
15
Package Dimensions
Package Dimensions
Package Dimensions
Package Dimensions
Unit: mm
TLP627M(LF5,TP5)
Weight: 0.24 g (typ.)
Package Name(s)
TOSHIBA: 11-5B205S
2018-12-06
Rev.1.0
©2018
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com