Electronic Components Datasheet Search
  English  ▼

X  

SUS34812 Datasheet(PDF) 3 Page - COSEL CO., LTD.

Part # SUS34812
Description  DC-DC Converters PCB Mount Type
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SUS34812 Datasheet(HTML) 3 Page - COSEL CO., LTD.

  SUS34812 Datasheet HTML 1Page - COSEL CO., LTD. SUS34812 Datasheet HTML 2Page - COSEL CO., LTD. SUS34812 Datasheet HTML 3Page - COSEL CO., LTD. SUS34812 Datasheet HTML 4Page - COSEL CO., LTD. SUS34812 Datasheet HTML 5Page - COSEL CO., LTD. SUS34812 Datasheet HTML 6Page - COSEL CO., LTD. SUS34812 Datasheet HTML 7Page - COSEL CO., LTD. SUS34812 Datasheet HTML 8Page - COSEL CO., LTD. SUS34812 Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
-Vin
+Vin
RC
-Vin
+Vin
RC
-Vin
+Vin
RC
Input 5V
Input 12V
Input 24, 48V
Fig.1.4 Examples of Using an External Remote ON/OFF Circuit
Table 1.2 Specification of Remote ON/OFF
Voltage Level of the pin terminal RC (VRC) SU/SUC3/SUT3, SU/SUC6/SUT6 Output
Open or Short or 0V[VRC[0.3V
ON
2.0V[VRC[9.0V
OFF
¡
Please keep the voltage level of the pin terminal RC (VRC) at 9.0V
or below.
¡
If you do not use the Remote ON/OFF function, please short out
between the pin terminals RC and -Vin to prevent malfunction.
(2) SU/SUC10/SUT10
¡
The output of the power supply turns ON when the pin terminal
RC is connected to the pin terminal -Vin. When the pin terminal
RC is open or the voltage of the pin terminal RC is between 2.4 to
7.0 V, the output of the power supply goes OFF.
¡
When the voltage of the pin terminal RC is between 1.2 to 2.4V,
an output voltage value may be an uncertain value which is less
than the rated voltage.
¡
Please see the following diagram for how to use the pin terminal
RC.
or
Relay
or
TransistorIC
-Vin
Vcc
RC
Fig.1.5 Examples of Using an External Remote ON/OFF Circuit
Table 1.3 Specification of Remote ON/OFF
Voltage Level of the pin terminal RC (VRC) SU/SUC10/SUT10 Output
Short or 0V[VRC[1.2V
ON
Open or 2.4V[VRC[7.0V
OFF
¡
When the pin terminal RC is at the ”Low” level, outflowing current
is 0.5mA typ. When Vcc is used, please make sure that the volt-
age of Vcc is 7.0V or less.
¡
If you do not use the Remote ON/OFF function, please short out
between the pin terminals RC and -Vin.
2 Wiring to Input/Output
Pin Terminals
¡
Basically, SU/SUC/SUT series do not need any external capaci-
tor. However, you can create a P-shaped filter circuit by adding a
capacitor Ci near the input pin terminal and reduce reflected input
noise from a converter. Please connect the capacitor as needed.
¡
When you use a capacitor Ci, please use the one with high fre-
quency and good temperature characteristics.
¡
If the power module is to be turned ON/OFF directly with a switch,
inductance from the input line will induce a surge voltage several
times that of the input voltage and it may damage the power mod-
ule. Make sure that the surge is absorbed, for example, by con-
necting an electrolytic capacitor between the input pins.
¡
If an external filter containing L (inductance) is added to the input
line or a wire from the input source to the DC-DC converter is
long, not only the reflected input noise becomes large, but also
the output of the converter may become unstable. In such case,
connecting Ci to the input pin terminal is recommended.
¡
If you use an aluminum electrolytic capacitor, please pay attention
to its ripple current rating.
Ci
L
-Vin
+Vin
Input
Fig.2.1 Connecting an External Capacitor to the Input Side
Table 2.1 Recommended Capacitance of an External Capacitor on the Input Side [ F]
Model
Input Voltage(V)
SU/SUC1R5 SU/SUC3/SUT3 SU/SUC6/SUT6 SU/SUC10/SUT10
5
10 - 100
10 - 220
10 - 470
10 - 470
12
10 - 47
10 - 100
10 - 220
10 - 220
24
10 - 33
10 - 47
10 - 100
10 - 100
48
4.7 - 10
10 - 22
10 - 47
10 - 47
*
Please adjust the capacitance in accordance with a degree of the
effect you want to achieve.
¡
If a reverse polarity voltage is applied to the input pin terminal, the
power supply will fail.
If there is a possibility that a reverse polarity voltage is applied,
connect a protection circuit externally as described below.
(a)
Schottky barrier diode generates a power loss
of input current multiplied by forward voltage.
Input
Schottky Barrier Diode
+Vin
-Vin
DC-DC Converters PCB Mount Type
Instruction Manual
SU.SUC/SUT-53
June 26, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com