Electronic Components Datasheet Search
  English  ▼

X  

SUCS101205 Datasheet(PDF) 5 Page - COSEL CO., LTD.

Part # SUCS101205
Description  DC-DC Converters PCB Mount Type
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SUCS101205 Datasheet(HTML) 5 Page - COSEL CO., LTD.

  SUCS101205 Datasheet HTML 1Page - COSEL CO., LTD. SUCS101205 Datasheet HTML 2Page - COSEL CO., LTD. SUCS101205 Datasheet HTML 3Page - COSEL CO., LTD. SUCS101205 Datasheet HTML 4Page - COSEL CO., LTD. SUCS101205 Datasheet HTML 5Page - COSEL CO., LTD. SUCS101205 Datasheet HTML 6Page - COSEL CO., LTD. SUCS101205 Datasheet HTML 7Page - COSEL CO., LTD. SUCS101205 Datasheet HTML 8Page - COSEL CO., LTD. SUCS101205 Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
4 Input Voltage/
Current Range
¡
If you use a non-regulated power source for input, please check
and make sure that its voltage fluctuation range and ripple voltage
do not exceed the input voltage range shown in specifications.
¡
Please select an input power source with enough capacity, taking
into consideration of the start-up current (Ip), which flows when a
DC-DC converter starts up. Ip changes depending on the slope of
input voltage, load factor and the external capacitor. Please con-
tact us for details.
Ip
Input Voltage [V]
Input Voltage Range
Fig.4.1 Input Current Characteristics
5 Cleaning
(except SUCOOC-C)
¡
If you need to clean the unit, please clean it under the following
conditions.
Cleaning Method: Immersion, Ultrasonic or Vapor Cleaning
Cleaning agent: IPA (Solvent type)
Cleaning Time: Within total 2 minutes for immersion, ultrasonic
and vapor cleaning
¡
Please dry the unit sufficiently after cleaning.
¡
If you do ultrasonic cleaning, please keep the ultrasonic output at
15W/ or below.
6 Safety Standards
¡
To apply for a safety standard approval using the power supply,
please meet the following conditions. Please contact us for de-
tails.
¿Please use the unit as a component of an end device.
¿The area between the input and the output of the unit is isolated
functionally. Depending upon the input voltage, basic insulation,
dual insulation or enhanced insulation may be needed. In such
case, please take care of it within the structure of your end-device.
Please contact us for details.
¡
Please use the following model names when you apply for a safe-
ty standard approval.
¿
SU/SUC1R5
SUS1R5053R3
SUS1R5123R3
SUS1R5243R3
SUS1R5483R3
SUS1R50505
SUS1R51205
SUS1R52405
SUS1R54805
SUS1R50512
SUS1R51212
SUS1R52412
SUS1R54812
SUS1R50515
SUS1R51215
SUS1R52415
SUS1R54815
SUW1R50512
SUW1R51212
SUW1R52412
SUW1R54812
SUW1R50515
SUW1R51215
SUW1R52415
SUW1R54815
SUCS1R5053R3
SUCS1R5123R3
SUCS1R5243R3
SUCS1R5483R3
SUCS1R50505
SUCS1R51205
SUCS1R52405
SUCS1R54805
SUCS1R50512
SUCS1R51212
SUCS1R52412
SUCS1R54812
SUCS1R50515
SUCS1R51215
SUCS1R52415
SUCS1R54815
SUCW1R50512
SUCW1R51212
SUCW1R52412
SUCW1R54812
SUCW1R50515
SUCW1R51215
SUCW1R52415
SUCW1R54815
¿
SU/SUC3
SUS3053R3
SUS3123R3
SUS3243R3
SUS3483R3
SUS30505
SUS31205
SUS32405
SUS34805
SUS30512
SUS31212
SUS32412
SUS34812
SUS30515
SUS31215
SUS32415
SUS34815
SUW30512
SUW31212
SUW32412
SUW34812
SUW30515
SUW31215
SUW32415
SUW34815
SUCS3053R3
SUCS3123R3
SUCS3243R3
SUCS3483R3
SUCS30505
SUCS31205
SUCS32405
SUCS34805
SUCS30512
SUCS31212
SUCS32412
SUCS34812
SUCS30515
SUCS31215
SUCS32415
SUCS34815
SUCW30512
SUCW31212
SUCW32412
SUCW34812
SUCW30515
SUCW31215
SUCW32415
SUCW34815
¿
SU/SUC6
SUS6053R3
SUS6123R3
SUS6243R3
SUS6483R3
SUS60505
SUS61205
SUS62405
SUS64805
SUS60512
SUS61212
SUS62412
SUS64812
SUS60515
SUS61215
SUS62415
SUS64815
SUW60512
SUW61212
SUW62412
SUW64812
SUW60515
SUW61215
SUW62415
SUW64815
SUCS6053R3
SUCS6123R3
SUCS6243R3
SUCS6483R3
SUCS60505
SUCS61205
SUCS62405
SUCS64805
SUCS60512
SUCS61212
SUCS62412
SUCS64812
SUCS60515
SUCS61215
SUCS62415
SUCS64815
SUCW60512
SUCW61212
SUCW62412
SUCW64812
SUCW60515
SUCW61215
SUCW62415
SUCW64815
DC-DC Converters PCB Mount Type
Instruction Manual
SU.SUC/SUT-55
June 26, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com