Electronic Components Datasheet Search
  English  ▼

X  

P2RF-05 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # P2RF-05
Description  Slim and Space-saving Power Plug-in Relay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RF-05 Datasheet(HTML) 2 Page - Omron Electronics LLC

  P2RF-05 Datasheet HTML 1Page - Omron Electronics LLC P2RF-05 Datasheet HTML 2Page - Omron Electronics LLC P2RF-05 Datasheet HTML 3Page - Omron Electronics LLC P2RF-05 Datasheet HTML 4Page - Omron Electronics LLC P2RF-05 Datasheet HTML 5Page - Omron Electronics LLC P2RF-05 Datasheet HTML 6Page - Omron Electronics LLC P2RF-05 Datasheet HTML 7Page - Omron Electronics LLC P2RF-05 Datasheet HTML 8Page - Omron Electronics LLC P2RF-05 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
G2R-
@-S (S)
Accessories (Order Separately)
Connecting Sockets
* The structure of P2RF-
@-E models provides finger protection. Round terminals cannot be used. Use forked crimp terminals.
Accessories for Push-In Plus Terminal Block Sockets (P2RF-
@-PU)
Short Bars
Note: Use the Short Bars for crossover wiring within one Socket or between Sockets.
* Replace the box (
@) in the model number with the code for the covering color.
Labels
Accessories for Screw Terminal Sockets (P2RFZ-
@-E)
Short Bars
Note: 1. Use the Short Bars for crossover wiring within one Socket or between Sockets.
2. Cannot be used on the P2RF-
@-E.
Labels
Accessories for Short Bars (P2DN)
Cap
Mounting Tracks
*1. When mounting DIN rail, please use End Plate (PFP-M).
*2. Used to mount several P2R-05A and P2R-08A Connecting Sockets side by side.
Track/surface-mounting Socket
Back-mounting Socket
Applicable Relay model
Push-In Plus
Terminal Blocks
Screw terminals *
PCB terminals
Solder terminals
No. of poles
Model
Models
Models
Model
1 pole
G2R-1-S (S)
P2RF-05-PU
P2RFZ-05-E
P2RF-05
P2RF-05-E
P2R-05P
P2R-057P
P2R-05A
2 poles
G2R-2-S (S)
P2RF-08-PU
P2RFZ-08-E
P2RF-08
P2RF-08-E
P2R-08P
P2R-087P
P2R-08A
Pitch
No. of poles
Colors
Model
*
Minimum order (quantity)
7.75 mm
2
Red (R)
Blue (S)
Yellow (Y)
PYDN-7.75-020
@
10
3
PYDN-7.75-030
@
4
PYDN-7.75-040
@
20
PYDN-7.75-200
@
15.5 mm
8
PYDN-15.5-080
@
Model
Minimum order (sheet)
(quantity per sheet)
XW5Z-P4.0LB1
5
1 sheet (60 pieces)
Pitch
No. of poles
Colors
Model
Minimum order (set)
6.8 mm
10
Blue (S)
P2DN-6.8-100S
1
One set (order unit) contains
10 short bars and 20 caps.
15.7 mm
10
P2DN-15.7-100S
Model
Minimum order (sheet)
(quantity per sheet)
XW5Z-P2.5LB1
5
1 sheet (72 pieces)
Model
Minimum order (bag)
P2DN-CP100
1
(100 pcs./bag)
Applicable Socket
Description
Model
Minimum order
(quantity)
Track-connecting Socket
Mounting track
50 cm (
l) × 7.3 mm (t): PFP-50N
---
1 m (
l) × 7.3 mm (t):
PFP-100N
1 m (
l) × 16 mm (t):
PFP-100N2
End plate *1
PFP-M
10
Spacer
PFP-S
Back-connecting Socket Mounting plate *2
P2R-P
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com