Electronic Components Datasheet Search
  English  ▼

X  

P2RF-08 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # P2RF-08
Description  Slim and Space-saving Power Plug-in Relay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RF-08 Datasheet(HTML) 1 Page - Omron Electronics LLC

  P2RF-08 Datasheet HTML 1Page - Omron Electronics LLC P2RF-08 Datasheet HTML 2Page - Omron Electronics LLC P2RF-08 Datasheet HTML 3Page - Omron Electronics LLC P2RF-08 Datasheet HTML 4Page - Omron Electronics LLC P2RF-08 Datasheet HTML 5Page - Omron Electronics LLC P2RF-08 Datasheet HTML 6Page - Omron Electronics LLC P2RF-08 Datasheet HTML 7Page - Omron Electronics LLC P2RF-08 Datasheet HTML 8Page - Omron Electronics LLC P2RF-08 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CSM_G2R-
_-S_(S)_DS_E_1_7
1
General-purpose Relay
G2R-
@-S (S)
Slim and Space-saving Power Plug-in Relay
■ Reduces wiring work by 60% when combined with the
P2RF-
@-PU Push-In Plus Socket
(according to actual OMRON measurements).
■ Lockable test button models available.
■ Built-in mechanical operation indicator.
■ Provided with nameplate.
■ AC type is equipped with a coil-disconnection self-diagnostic
function (LED type).
■ High switching power (1-pole: 10 A).
Model Number Structure
Model Number Legend
1. Number of Poles
1:
1 pole
2:
2 poles
2. Terminals
S:
Plug-in
3. Classification
Blank: General-purpose
N:
LED indicator
D:
Diode
ND:
LED indicator and diode
NI:
LED indicator with test button
NDI:
LED indicator and diode with test button
4. Rated Coil Voltage
5. Mechanical operation indicator and Nameplate
(S):
Models with mechanical operation indicator and Nameplate
Note: Contact your OMRON representative for Relays with gold-plated contacts.
Ordering Information
List of Models
Note: 1. The standard models are compliant with UL/CSA and VDE standards. Also, an EC compliance declaration has been made for combina-
tions with the P2RF-
@-E, P2RF-@-S and P2RF-@-PU. The Relays bear the CE Marking.
2. Refer to Connecting Sockets, below, for applicable Socket models.
3.
LR
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
G2R -
-
12
3
4
5
S
(S)
When your order, specify the rated voltage.
Classification
Coil ratings
Contact form
SPDT
DPDT
General-purpose
AC 24, 48, 110, 120, 230, 240
DC 6, 12, 24, 48
G2R-1-S (S)
G2R-2-S (S)
LED indicator
G2R-1-SN (S)
G2R-2-SN (S)
LED indicator with test button
G2R-1-SNI (S)
G2R-2-SNI (S)
Diode
DC 6, 12, 24, 48
G2R-1-SD (S)
G2R-2-SD (S)
LED indicator and diode
G2R-1-SND (S)
G2R-2-SND (S)
LED indicator and diode with test button
G2R-1-SNDI (S)
G2R-2-SNDI (S)
When ordering, add the rated coil voltage and "(S)" to the model number. Rated coil voltages are given in the coil ratings table.
Example: G2R-1-S 12 VDC (S)
Rated coil voltage


Similar Part No. - P2RF-08

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P2RF-08 OMRON-P2RF-08 Datasheet
819Kb / 11P
Slim and Space-saving Power Plug-in Relay
P2RF-08 OMRON-P2RF-08 Datasheet
10Mb / 27P
A Wide Variety of Square and Round Sockets in Front-mounting and Back-mounting Models
2019.11
P2RF-08 OMRON-P2RF-08 Datasheet
4Mb / 21P
FQ2-S25050F
2021.11
P2RF-08 OMRON-P2RF-08 Datasheet
875Kb / 10P
Slim and Space-saving Power Plug-in Relay
P2RF-08 OMRON-P2RF-08 Datasheet
702Kb / 19P
Power PCB Relay
5/03
More results

Similar Description - P2RF-08

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R2SNDC24S OMRON-G2R2SNDC24S Datasheet
819Kb / 11P
Slim and Space-saving Power Plug-in Relay
G2R1SNIDC24S OMRON-G2R1SNIDC24S Datasheet
836Kb / 12P
Slim and Space-saving Power Plug-in Relay
P2RF-08 OMRON-P2RF-08 Datasheet
819Kb / 11P
Slim and Space-saving Power Plug-in Relay
logo
M-System Co.,Ltd.
FMS MSYSTEM-FMS Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FLM MSYSTEM-FLM Datasheet
114Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FLC MSYSTEM-FLC Datasheet
103Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FJF MSYSTEM-FJF Datasheet
107Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FJDL MSYSTEM-FJDL Datasheet
134Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FDU MSYSTEM-FDU Datasheet
101Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FCRS MSYSTEM-FCRS Datasheet
113Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com