Electronic Components Datasheet Search
  English  ▼

X  

HF39 Datasheet(PDF) 1 Page - auris-GmbH

Part # HF39
Description  Quartz THT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

HF39 Datasheet(HTML) 1 Page - auris-GmbH

  HF39 Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.2
HF26
HF39
HF38
HF310
Features:
- Wide frequency range
- Low cost to performane
- Excellent for clock frequency generation
- Very low profile
Remarks: All specifications subject to change without notice!
Drawing
HF26 / HF38 / HF39 / HF310
Dimensions in mm
Quartz THT
Resistance of series resonance (ESR)
Frequency (MHz)
Mode
Ohm max
Frequency (MHz)
Mode
Ohm max
3.5 <= f < 4.0
Fundamental
180
12 <= f < 14
Fundamental
60
4.0 <= f < 5.0
Fundamental
150
14 <= f < 16
Fundamental
50
5.0 <= f < 8.0
Fundamental
100
16 <= f < 28
Fundamental
40
8.0 <= f < 10
Fundamental
80
28 <= f < 36
3rd OT
100
10 <= f < 12
Fundamental
70
36 <= f < 60
3rd OT
80
Order key
Q
- 28.000000M - HF26
- F
- 30
- 50
- D
- 30
- MJ
Part
Frequency
Package
Mode of
Frequency
Temperature
Temperature
Load
Option
oscillation
tolerance
tolerance
range
capacitance
Q=Quartz
M=MHz
HF26
F=fund.
+/-ppm
+/-ppm
A=
0°C ~ 70°C
pF
MJ=Metal jacket
HF38
3=3.OT
(25°C)
(Temp. range)
B=-10°C ~ 60°C
SR=series
X=Special options
HF39
C=-10°C ~ 70°C
HF310
D=-20°C ~ 70°C
E=-40°C ~ 85°C
H=-20°C ~ +80°C
I=-10°C ~ +50°C
Specifications
Symbol HF26 / HF38 / HF39 / HF310
Frequency range
f
3.5790 MHz ~ 28.000 MHz
27.001MHz ~ 60.000MHz
Frequency tolerance,Ta=25°C
Df/f
±10ppm ~ ± 50ppm
Load capacitance
CL
10pF ~ 20pF
Temperature tolerance
Df/f
±10ppm ~ ± 50ppm
Temperature range
Storage temperature
TSTG
-40°C ~ +85°C
Operating temperature
TOPR
-20°C ~ +70°C (Std.)
Drive level
Maximum drive level
MDL
-
Recommended drive level
RDL
10mW ~ 100mW
Series resistance
R1
As per table
Shunt capacitance
C0
5pF
Insulation resistance
IR
500M Ohm
Aging
DfA
± 5ppm/Year
Remarks
Fundamental mode
3rd overtone mode
Please specify
Please specify
Please specify
Others are offered
25°C
Max
Min
Others are offered


Similar Part No. - HF39

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HF39 AURIS-HF39 Datasheet
232Kb / 1P
Quartz THT
logo
Soshin electric Co., Lt...
HF3900C-UQ SOSHIN-HF3900C-UQ Datasheet
181Kb / 4P
3-phase 3-line 480VAC
logo
Tyco Electronics
HF391 MACOM-HF391 Datasheet
1Mb / 12P
Signal and RF Relays
HF391 MACOM-HF391 Datasheet
645Kb / 6P
RF Signal Relays
HF392 MACOM-HF392 Datasheet
1Mb / 12P
Signal and RF Relays
More results

Similar Description - HF39

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC49U AURIS-HC49U Datasheet
72Kb / 1P
Quartz THT
HC49US AURIS-HC49US Datasheet
161Kb / 1P
Quartz THT
TC38 AURIS-TC38 Datasheet
285Kb / 1P
Quartz THT
UM1 AURIS-UM1 Datasheet
80Kb / 1P
Quartz THT
HC49U AURIS-HC49U_1 Datasheet
63Kb / 1P
Quartz THT
HC49US AURIS-HC49US_1 Datasheet
498Kb / 1P
Quartz THT
HF26 AURIS-HF26 Datasheet
232Kb / 1P
Quartz THT
logo
PETERMANN-TECHNIK
JYR15 PETERMANN-JYR15 Datasheet
673Kb / 2P
THT QUARTZ CRYSTAL SERIES JYR
JYR26 PETERMANN-JYR26 Datasheet
673Kb / 2P
THT QUARTZ CRYSTAL SERIES JYR
TB310 PETERMANN-TB310 Datasheet
689Kb / 2P
THT QUARTZ CRYSTAL SERIES TB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com