Electronic Components Datasheet Search
  English  ▼

X  

RHFAHC00 Datasheet(PDF) 9 Page - STMicroelectronics

Part # RHFAHC00
Description  Rad-Hard, quad high speed NAND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFAHC00 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button RHFAHC00 Datasheet HTML 5Page - STMicroelectronics RHFAHC00 Datasheet HTML 6Page - STMicroelectronics RHFAHC00 Datasheet HTML 7Page - STMicroelectronics RHFAHC00 Datasheet HTML 8Page - STMicroelectronics RHFAHC00 Datasheet HTML 9Page - STMicroelectronics RHFAHC00 Datasheet HTML 10Page - STMicroelectronics RHFAHC00 Datasheet HTML 11Page - STMicroelectronics RHFAHC00 Datasheet HTML 12Page - STMicroelectronics RHFAHC00 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
7
Ordering information
Table 8. Order code
Order code
SMD(1)
Quality level
Temp.
range
Mass
Package
Lead
finish
Marking(2)
Packing
RH-AHC00K1
-
Engineering model
-55 to
+125 °C
0.55 g
Flat-14
Gold
RH-AHC00K1
Conductive
strip pack
RHFAHC00K01V
5962F18202
QML-V flight
5962F1820201VXC
1. Standard microcircuit drawing.
2. Specific marking only. Complete marking includes the following:
•
ST logo
•
Date code (date the package was sealed) in YYWWA (year, week, and lot index of week)
•
Country of origin (FR = France)
Note:
Contact your ST sales office for information about the specific conditions for products in die form.
Other information
Date code:
The date code is structured as engineering model: EM xyywwz
Where:
x = 3 (EM only), assembly location Rennes (France)
yy = last two digits of the year
ww = week digits
z = lot index of the week
Product documentation
Each product shipment includes a set of associated documentation within the shipment box. This documentation
depends on the quality level of the products, as detailed in the table below.
The certificate of conformance is provided on paper whatever the quality level. For QML parts, complete
documentation, including the certificate of conformance, is provided on a CDROM.
Table 9. Product documentation
Quality level
Item
Engineering model
Certificate of conformance including :
Customer name
Customer purchase order number
ST sales order number and item
ST part number
Quantity delivered
Date code
Reference to ST datasheet
Reference to TN1181 on engineering models
ST Rennes assembly lot ID
RHFAHC00
Ordering information
DS12465 - Rev 2
page 9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com