Electronic Components Datasheet Search
  English  ▼

X  

RHF1009AK01V Datasheet(PDF) 3 Page - STMicroelectronics

Part # RHF1009AK01V
Description  Rad-hard adjustable 2.5 V/5.5 V precision shunt V-ref
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1009AK01V Datasheet(HTML) 3 Page - STMicroelectronics

  RHF1009AK01V Datasheet HTML 1Page - STMicroelectronics RHF1009AK01V Datasheet HTML 2Page - STMicroelectronics RHF1009AK01V Datasheet HTML 3Page - STMicroelectronics RHF1009AK01V Datasheet HTML 4Page - STMicroelectronics RHF1009AK01V Datasheet HTML 5Page - STMicroelectronics RHF1009AK01V Datasheet HTML 6Page - STMicroelectronics RHF1009AK01V Datasheet HTML 7Page - STMicroelectronics RHF1009AK01V Datasheet HTML 8Page - STMicroelectronics RHF1009AK01V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DocID025148 Rev 3
3/19
RHF1009A
Absolute maximum ratings and operating conditions
19
1
Absolute maximum ratings and operating conditions
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
IK
Reverse breakdown current
15
mA
IF
Forward current
20
mA
VKA
Reverse breakdown voltage in standby mode
(VRef = VA)
6V
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction (Tj ) to ambient (Tamb)140
°C/W
Rthjc
Thermal resistance junction to case
40
°C/W
ESD
HBM: human body model (1)
1.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are left floating.
2kV
MM: machine model (2)
2.
This is a minimum value.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are left floating.
200
V
CDM: charged device model (3)
3.
Charged device model: all pins and package are charged together to the specified voltage and then
discharged directly to ground through only one pin.
1.5
kV
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
IKmin
Minimum operating current
[VK ≥ VK (IK = 100 µA, Ta = 25 °C) - 100 µV]
VK = VRef
60
µA
VKA
Reverse breakdown voltage
in operating mode:
in standby mode (VRef = VA):
2.5 to 5.5
2.5 to 5.5
V
IKmax
Maximum operating current
[VK ≥ VK (IK = 100 µA, Ta = 25 °C) + 2 mV]
VK = VRef
12
mA
Toper
Operating ambient temperature range
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com