Electronic Components Datasheet Search
  English  ▼

X  

RHFLVDS31A Datasheet(PDF) 4 Page - STMicroelectronics

Part # RHFLVDS31A
Description  Rad-hard quad LVDS driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS31A Datasheet(HTML) 4 Page - STMicroelectronics

  RHFLVDS31A Datasheet HTML 1Page - STMicroelectronics RHFLVDS31A Datasheet HTML 2Page - STMicroelectronics RHFLVDS31A Datasheet HTML 3Page - STMicroelectronics RHFLVDS31A Datasheet HTML 4Page - STMicroelectronics RHFLVDS31A Datasheet HTML 5Page - STMicroelectronics RHFLVDS31A Datasheet HTML 6Page - STMicroelectronics RHFLVDS31A Datasheet HTML 7Page - STMicroelectronics RHFLVDS31A Datasheet HTML 8Page - STMicroelectronics RHFLVDS31A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pin configuration
RHFLVDS31A
4/15
DocID025370 Rev 4
2
Pin configuration
Figure 2. Pin connections (top view)
Table 3. Pin description
Pin number
Symbol
Name and function
1, 7, 9, 15
1A to 4A
Driver inputs
2, 6, 10, 14
1Y to 4Y
Driver outputs
3, 5, 11, 13
1Z to 4Z
4G
Enable
12
G
8
GND
Ground
16
VCC
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com