Electronic Components Datasheet Search
  English  ▼

X  

RHFOSC04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHFOSC04
Description  Rad-hard, crystal oscillator driver and divider
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFOSC04 Datasheet(HTML) 1 Page - STMicroelectronics

  RHFOSC04 Datasheet HTML 1Page - STMicroelectronics RHFOSC04 Datasheet HTML 2Page - STMicroelectronics RHFOSC04 Datasheet HTML 3Page - STMicroelectronics RHFOSC04 Datasheet HTML 4Page - STMicroelectronics RHFOSC04 Datasheet HTML 5Page - STMicroelectronics RHFOSC04 Datasheet HTML 6Page - STMicroelectronics RHFOSC04 Datasheet HTML 7Page - STMicroelectronics RHFOSC04 Datasheet HTML 8Page - STMicroelectronics RHFOSC04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
•
2.3 V to 3.6 V supply (4.8 V AMR)
•
High speed:
–
Characterized from 16 MHz to 120 MHz
•
CMOS output, meets JEDEC
•
Divided-frequency single output
•
Low power
•
TTL compatible
•
Enable/disable function
•
Immunity to radiations:
–
300 krad(Si) TID
–
SEL free up to 125 MeV.cm²/mg
–
SET free up to 125 MeV.cm²/mg
•
SMD 5962F20207
•
Mass: 0.42 g
Applications
•
Oscillators for space systems
Description
The RHFOSC04 is a crystal oscillator driver and divider. It consists of an oscillator
section and 4-stage ripple-carry binary counter. The oscillator section allows the
implementation of crystal oscillator circuits. The output is buffered and it is controlled
by a 2-bit digital cell to deliver one among four divided frequency, from F to F/2, F/4
and F/8 frequencies. A disable function is available to set the circuit in power-down
mode while keeping a high impedance output.
Designed in rad-hard rules on robust CMOS technology already proven in space, the
RHFOSC04 shows an excellent stability in total-ionizing-dose (TID) up to 300
krad(Si) and it is SEL-free and SET-free up to 125 MeV.cm²/mg.
It comes in hermetic ceramic Flat-10 lead, and can operate from -55 °C to +125 °C
ambient temperature.
Product status link
RHFOSC04
Rad-hard, crystal oscillator driver and divider
RHFOSC04
Datasheet
DS13330 - Rev 1 - May 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - RHFOSC04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF1009A STMICROELECTRONICS-RHF1009A Datasheet
1Mb / 19P
Rad-hard adjustable 2.5 V/5.5 V precision shunt V-ref
09-Apr-2018
RHF1009AK01V STMICROELECTRONICS-RHF1009AK01V Datasheet
1Mb / 19P
Rad-hard adjustable 2.5 V/5.5 V precision shunt V-ref
09-Apr-2018
RHF1009AK1 STMICROELECTRONICS-RHF1009AK1 Datasheet
1Mb / 19P
Rad-hard adjustable 2.5 V/5.5 V precision shunt V-ref
09-Apr-2018
RHF1201 STMICROELECTRONICS-RHF1201 Datasheet
193Kb / 18P
Rad-hard 12-bit 0.5 to 50 Msps A/D converter
29-Jun-2007
RHF1201KSO-01V STMICROELECTRONICS-RHF1201KSO-01V Datasheet
193Kb / 18P
Rad-hard 12-bit 0.5 to 50 Msps A/D converter
29-Jun-2007
More results

Similar Description - RHFOSC04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060_04 Datasheet
380Kb / 12P
RAD-HARD 14 STAGE BINARY COUNTER/OSCILLATOR
14-May-2004
M54HC11 STMICROELECTRONICS-M54HC11_04 Datasheet
105Kb / 8P
RAD-HARD TRIPLE 3-INPUT AND GATE
Mar-2004
M54HC21 STMICROELECTRONICS-M54HC21_04 Datasheet
119Kb / 8P
RAD-HARD DUAL 4-INPUT AND GATE
Apr-2004
logo
ATMEL Corporation
ATF280E ATMEL-ATF280E Datasheet
1Mb / 45P
Rad Hard Reprogrammable FPGA
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
November 30, 2011
ISL70001ASEH INTERSIL-ISL70001ASEH Datasheet
1Mb / 25P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
May 22, 2013
logo
STMicroelectronics
RHFLVDS315 STMICROELECTRONICS-RHFLVDS315 Datasheet
302Kb / 15P
Rad-hard quad LVDS driver
21-Oct-2015
LEOLVDSRD STMICROELECTRONICS-LEOLVDSRD Datasheet
795Kb / 23P
Rad-hard plastic LVDS driver-receiver
15-Jun-2022
RHFLVDS31A STMICROELECTRONICS-RHFLVDS31A Datasheet
385Kb / 15P
Rad-hard quad LVDS driver
28-Apr-2017
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
Rad-hard dual LVDS driver-receiver
04-Mar-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com