Electronic Components Datasheet Search
  English  ▼

X  

RHRPM4423K01V Datasheet(PDF) 3 Page - STMicroelectronics

Part # RHRPM4423K01V
Description  Rad-hard 4.5 A dual inverting low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4423K01V Datasheet(HTML) 3 Page - STMicroelectronics

  RHRPM4423K01V Datasheet HTML 1Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 2Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 3Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 4Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 5Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 6Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 7Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 8Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
2
Pin configuration
Figure 2. Pin configuration (top view)
PWM_1
1
SGND
2
PGND
3
NC
4
PWM_2
5
OUTL_1
10
OUTH_1
9
VCC
8
OUTH_2
7
OUTL_2
6
NC
1
PWM_1
2
NC
3
SGND
4
PGND
5
NC
6
PWM_2
7
NC
8
NC
16
OUTL_1
15
OUTH_1
14
VCC
13
VCC
12
OUTH_2
11
OUTL_2
10
NC
9
FLAT-10
FLAT-16
GIPD150420161220MT
Note:
FLAT-10: the upper metallic package lid is connected to pin 4.
FLAT-16: the upper metallic package lid and the metallized bottom surface are electrically floating.
Table 1. Pin description
Pin name
Name
Type
Description
FLAT-10
FLAT-16
8
12
13
VCC
Supply
Supply voltage. Low ESR bypass (for example MLCC
type) capacitor to the PCB ground plane.
3
5
PGND
Ground
Ground reference for output drivers. Connect this pin to
the PCB ground plane.
2
4
SGND
Ground
Ground reference for PWM input pins. Input pin (PWM_1,
PWM_2 and SGND) common mode can range +/-5 V
versus PGND. Ground reference for PWM input pins. Input
pin (PWM_1, PWM_2 and SGND) common mode can
range +/-5 V versus PGND.
1
2
PWM_1
I
PWM input signal (inverting) for driver 1 featuring TTL/
CMOS compatible threshold and hysteresis. Do not leave
the pin floating.
5
7
PWM_2
I
PWM input signal (inverting) for driver 2 featuring TTL/
CMOS compatible threshold and hysteresis. Do not leave
the pin floating.
9
14
OUTH_1
O
High-side open drain pin of driver 1. Connect this pin to
OUTL_1 either directly or by an external resistor if an
asymmetric ON/OFF switching time is required.
10
15
OUTL_1
O
Low-side open drain pin of driver 1. Connect this pin to
OUTH_1 either directly or by an external resistor if an
asymmetric ON/OFF switching time is required.
7
11
OUTH_2
O
High-side open drain pin of driver 2. Connect this pin to
OUTL_2 either directly or by an external resistor if an
asymmetric ON/OFF switching time is required.
6
10
OUTL_2
O
Low-side open drain pin of driver 2. Connect this pin to
OUTH_2 either directly or by an external resistor if an
asymmetric ON/OFF switching time is required.
RHRPM4423
Pin configuration
DS11827 - Rev 3
page 3/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com