Electronic Components Datasheet Search
  English  ▼

X  

RHRPM4424 Datasheet(PDF) 22 Page - STMicroelectronics

Part # RHRPM4424
Description  Rad-hard 4.5 A dual low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4424 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button RHRPM4424 Datasheet HTML 18Page - STMicroelectronics RHRPM4424 Datasheet HTML 19Page - STMicroelectronics RHRPM4424 Datasheet HTML 20Page - STMicroelectronics RHRPM4424 Datasheet HTML 21Page - STMicroelectronics RHRPM4424 Datasheet HTML 22Page - STMicroelectronics RHRPM4424 Datasheet HTML 23Page - STMicroelectronics RHRPM4424 Datasheet HTML 24Page - STMicroelectronics RHRPM4424 Datasheet HTML 25Page - STMicroelectronics RHRPM4424 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Table 7. FLAT-16 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.42
2.88
b
0.38
0.48
c
0.10
0.18
D
9.71
10.11
E
6.71
7.11
E2
3.30
3.45
3.60
E3
0.76
e
1.27
L
6.35
7.36
Q
0.66
1.14
S1
0.13
RHRPM4424
Flat-16 package information
DS11485 - Rev 7
page 22/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com