Electronic Components Datasheet Search
  English  ▼

X  

STGYA75H120DF2 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGYA75H120DF2
Description  Trench gate field-stop, 1200 V, 75 A, high-speed H series IGBT in a Max247 long leads package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGYA75H120DF2 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGYA75H120DF2 Datasheet HTML 5Page - STMicroelectronics STGYA75H120DF2 Datasheet HTML 6Page - STMicroelectronics STGYA75H120DF2 Datasheet HTML 7Page - STMicroelectronics STGYA75H120DF2 Datasheet HTML 8Page - STMicroelectronics STGYA75H120DF2 Datasheet HTML 9Page - STMicroelectronics STGYA75H120DF2 Datasheet HTML 10Page - STMicroelectronics STGYA75H120DF2 Datasheet HTML 11Page - STMicroelectronics STGYA75H120DF2 Datasheet HTML 12Page - STMicroelectronics STGYA75H120DF2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Figure 25. Thermal impedance for IGBT
MAX247LL_ZthJC
10 -1
10 -2
10 -5
10 -4
10 -3
10 -2
10 -1
K
t p (s)
JC
Figure 26. Thermal impedance for diode
Zth = k*RthJC
δ = tp/t
t
tp
STGYA75H120DF2
Electrical characteristics (curves)
DS13822 - Rev 2
page 9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com