Electronic Components Datasheet Search
  English  ▼

X  

LTP Datasheet(PDF) 1 Page - auris-GmbH

Part # LTP
Description  Filter THT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

LTP Datasheet(HTML) 1 Page - auris-GmbH

  LTP Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7.3
LTP-series
Remarks: All specifications subject to change without notice!
Features:
- Three pins filter
- For AM
- 450 ~ 470 KHz
Drawing
Characteristics
LTP
Dimensions in mm
Filter THT
Specifications
A
B
BY
BY1
3db band width (kHz) min
9.5 +/-3
9.5 +/-3
7 +/-2
4.5 +/-1.5
Selectivity (dB) min
-9KHz off
5.0
5.0
6.0
9.0
+9KHz off
3,0
3,0
5,0
8,0
Insertion loss (dB) max
5,0
5,0
5,0
5,0
Composition
one element
one element with IFT
one element with IFT
one element with IFT
Lead length L (mm) +/-0.5
L1
2.3
2.3
2.3
2.3
L2
3.6
3.6
3.6
3.6
L3
5.0
5.0
5.0
5.0
L4
7.0
7.0
7.0
7.0
Part
LTP
Test circuit
Recommended IFT (7mm square)
Order key
F
- LTP
- BY
- 455 K
-
Part
Package
Individual specification
Center frequency
Opion
M = MHz, K = KHz
F= Ceramic filter
LTP
A
450 ~ XXX ~ 470 KHz
blanc = standard
B
BY
BY1
X=Special options


Similar Part No. - LTP

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTP-1057AE LITEON-LTP-1057AE Datasheet
145Kb / 5P
Property of Lite-On Only
LTP-1057AG LITEON-LTP-1057AG Datasheet
147Kb / 5P
Property of Lite-On Only
LTP-1057AHR LITEON-LTP-1057AHR Datasheet
144Kb / 5P
Property of Lite-On Only
LTP-11057KA LITEON-LTP-11057KA Datasheet
167Kb / 5P
Property of Lite-On Only
LTP-1157AE LITEON-LTP-1157AE Datasheet
141Kb / 5P
Property of Lite-On Only
More results

Similar Description - LTP

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LT455U AURIS-LT455U Datasheet
130Kb / 1P
Filter THT
LT455W AURIS-LT455W Datasheet
133Kb / 1P
Filter THT
LTA10 AURIS-LTA10 Datasheet
295Kb / 1P
Filter THT
LTM455U AURIS-LTM455U Datasheet
143Kb / 1P
Filter THT
LTM455W AURIS-LTM455W Datasheet
128Kb / 1P
Filter THT
LTZ AURIS-LTZ Datasheet
116Kb / 1P
Filter THT
LT450U AURIS-LT450U Datasheet
196Kb / 1P
Filter THT, Ceramic
LTA10 AURIS-LTA10_1 Datasheet
331Kb / 1P
Filter THT, Ceramic
LTM450U AURIS-LTM450U Datasheet
185Kb / 1P
Filter THT, Ceramic
LTM450W AURIS-LTM450W Datasheet
270Kb / 1P
Filter THT, Ceramic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com