Electronic Components Datasheet Search
  English  ▼

X  

LTZ Datasheet(PDF) 1 Page - auris-GmbH

Part # LTZ
Description  Filter THT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

LTZ Datasheet(HTML) 1 Page - auris-GmbH

  LTZ Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7.2
LTZ-series
Remarks: All specifications subject to change without notice!
Features:
- Six pins filter
- For AM
- 450 ~ 470 KHz
Drawing
Characteristics
LTZ
Dimensions in mm
Filter THT
Specifications
3db band width (kHz) min
Selectivity (dB) min
+/-9KHz off
Insertion loss (dB) max
Composition
Part
LTZ
HL
JL
4 +/-1
5,5 +/-1
23
18
7.0
7.0
2 elements direct coupling type
2 elements direct coupling type
Test circuit
Recommended IFT (7mm square)
Order key
F
- LTZ
- HL
- 465 K
-
Part
Package
Individual specification
Center frequency
Opion
M = MHz, K = KHz
F= Ceramic filter
LTZ
HL
450 ~ XXX ~ 470 KHz
blanc = standard
JL
X=Special options


Similar Part No. - LTZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTZ1000 LINER-LTZ1000 Datasheet
385Kb / 7P
Ultra Precision Reference
LTZ1000 LINER-LTZ1000 Datasheet
134Kb / 8P
Ultra Precision Reference
LTZ1000 LINER-LTZ1000 Datasheet
127Kb / 8P
Ultra Precision Reference
LTZ1000 LINER-LTZ1000 Datasheet
162Kb / 8P
Ultra Precision Reference
LTZ1000 LINER-LTZ1000 Datasheet
166Kb / 8P
Ultra Precision Reference
More results

Similar Description - LTZ

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LT455U AURIS-LT455U Datasheet
130Kb / 1P
Filter THT
LT455W AURIS-LT455W Datasheet
133Kb / 1P
Filter THT
LTA10 AURIS-LTA10 Datasheet
295Kb / 1P
Filter THT
LTM455U AURIS-LTM455U Datasheet
143Kb / 1P
Filter THT
LTM455W AURIS-LTM455W Datasheet
128Kb / 1P
Filter THT
LTP AURIS-LTP Datasheet
112Kb / 1P
Filter THT
LT450U AURIS-LT450U Datasheet
196Kb / 1P
Filter THT, Ceramic
LTA10 AURIS-LTA10_1 Datasheet
331Kb / 1P
Filter THT, Ceramic
LTM450U AURIS-LTM450U Datasheet
185Kb / 1P
Filter THT, Ceramic
LTM450W AURIS-LTM450W Datasheet
270Kb / 1P
Filter THT, Ceramic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com