Electronic Components Datasheet Search
  English  ▼

X  

WLSD-TC Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # WLSD-TC
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD-TC Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button WLSD-TC Datasheet HTML 20Page - Omron Electronics LLC WLSD-TC Datasheet HTML 21Page - Omron Electronics LLC WLSD-TC Datasheet HTML 22Page - Omron Electronics LLC WLSD-TC Datasheet HTML 23Page - Omron Electronics LLC WLSD-TC Datasheet HTML 24Page - Omron Electronics LLC WLSD-TC Datasheet HTML 25Page - Omron Electronics LLC WLSD-TC Datasheet HTML 26Page - Omron Electronics LLC WLSD-TC Datasheet HTML 27Page - Omron Electronics LLC WLSD-TC Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
WL-N/WLM-N
24
Ratings
Screw Terminal Switches
* For high-sensitivity overtravel models.
Direct-wired Connector and Pre-wired Connector Switches
Note: 1. The above figures are for steady-state currents.
2. Inductive loads have a power factor of 0.4 min. (AC) and a
time constant of 7 ms max. (DC).
3. A lamp load has an inrush current of 10 times the steady-
state current.
4. A motor load has an inrush current of 6 times the steady-
state current.
Characteristics
Note: 1. The above figures are initial values.
2. The figures in parentheses for dielectric strength are for the
High-sensitivity Switches.
*1. The values are calculated at an operating temperature of +5
°C to
+35
°C, and an operating humidity of 40% to 70%RH. Contact
your OMRON sales representative for more detailed information
on other operating environments.
*2. Switches with Connectors: 1,500 V.
Long-life Switches
Item
Rated
voltage
(V)
Non-inductive load (A)
Inductive load (A)
Resistive
load
Lamp
load
Inductive
load
Motor
load
NC
NO
NC
NO
NC
NO
NC
NO
Basic or
high-precision
115 AC
10
3
1.5
10
5
2.5
12 DC
24 DC
115 DC
10
6
0.8
6
4
0.2
3
3
0.2
10
6
0.8
6
4
0.2
High-sensitivity
115 AC
5—
—
—
115 DC
0.4
—
—
—
Inrush current
NC
30 A max. (15 A max. *)
NO
20 A max. (10 A max. *)
Minimum applicable load
5 VDC 1 mA, resistive load, P level
Rated
voltage
(V)
Non-inductive load (A)
Inductive load (A)
Model
Resistive
load
Lamp
load
Inductive
load
Motor
load
NC
NO
NC
NO
NC
NO
NC
NO
Basic or
high-precision
115 AC
33
1.5
3
3
2.5
12 DC
24 DC
115 DC
3
3
0.8
3
3
0.2
3
3
0.8
3
3
0.2
High-sensitivity
115 AC
3—
—
—
115 DC
0.4
—
—
—
Degree of protection
IP67
Durability *1
Mechanical
30,000,000 operations min.
Electrical
30,000,000 operations min. (10 mA at 24
VDC, resistive load)
750,000 operations min. (3 A at 115 VAC,
resistive load)
High-sensitivity Switches: 500,000 opera-
tions min. (3 A at 115 VAC, resistive load)
Operating speed
1 mm/s to 1 m/s (for WLMCA2-LD-N)
Operating
frequency
Mechanical
120 operations/minute
Electrical
30 operations/minute
Rated frequency
50/60 Hz
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
25 m
Ω max. (initial value for the built-in
switch when tested alone)
Dielectric
strength (50/
60 Hz for 1
min)
Between ter-
minals of the
same polarity
1,000 VAC (600 VAC), 50/60 Hz for 1 min
Between cur-
rent-carrying
metal part
and ground
2,200 VAC (1,500 VAC), 50/60 Hz for 1 min
*2
Between
each terminal
and non-cur-
rent-carrying
metal part
2,200 VAC (1,500 VAC), 50/60 Hz for 1 min
*2
Vibration re-
sistance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude
Shock resis-
tance
Destruction
1,000 m/s2 max.
Malfunction
300 m/s2 max.
Ambient operating tempera-
ture
–10
°C to +80°C (with no icing)
Ambient operating humidity
35% to 95%RH
Weight
Approx. 255 g (for WLMCA2-LD-N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com