Electronic Components Datasheet Search
  English  ▼

X  

WLH2-LEAS Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # WLH2-LEAS
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLH2-LEAS Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button WLH2-LEAS Datasheet HTML 28Page - Omron Electronics LLC WLH2-LEAS Datasheet HTML 29Page - Omron Electronics LLC WLH2-LEAS Datasheet HTML 30Page - Omron Electronics LLC WLH2-LEAS Datasheet HTML 31Page - Omron Electronics LLC WLH2-LEAS Datasheet HTML 32Page - Omron Electronics LLC WLH2-LEAS Datasheet HTML 33Page - Omron Electronics LLC WLH2-LEAS Datasheet HTML 34Page - Omron Electronics LLC WLH2-LEAS Datasheet HTML 35Page - Omron Electronics LLC WLH2-LEAS Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
WL-N/WLM-N
32
Dimensions and Operating Characteristics
(Unit: mm)
Switches with Roller Lever Actuators
Basic, High-sensitivity, and High-precision Switches
Note: Unless otherwise indicated, a tolerance of
±0.4 mm applies to all dimensions.
*1. The operating characteristics for WLCA12-N, WLCA12-2-N, WLCA12-2N-N, and WLG12-N are measured at the lever length of 38 mm.
General-purpose Switches
Model
Operating characteristics
WLCA2-N
WLCA2-2-N
WLCA2-2N-N
WLG2-N
WLCA2-7-N
WLCA2-8-N
WLGCA2-N
Operating force
Release force
Pretravel
Overtravel
Movement Differential
OF
RF
PT
OT
MD
max.
min.
min.
max.
13.34 N
1.18 N
15
±5°
70
°
12
°
13.34 N
1.18 N
25
±5°
60
°
16
°
13.34 N
1.18 N
20
° max.
70
°
10
°
13.34 N
1.18 N
10
°
80
°
7
°
10.2 N
0.9 N
15
±5°
70
°
12
°
8.04 N
0.71 N
15
±5°
70
°
12
°
13.34 N
1.18 N
5
°
80
°
3
°
Model
Operating characteristics
WLCA12-N *1
WLCA12-2-N
*1
WLG12-2N-N *1
WLG12-N *1
Operating force
Release force
Pretravel
Overtravel
Movement Differential
OF
RF
PT
OT
MD
max.
min.
min.
max.
13.34 N
1.18 N
15
±5°
70
°
12
°
13.34 N
1.18 N
25
±5°
60
°
16
°
13.34 N
1.18 N
20
° max.
70
°
10
°
13.34 N
1.18 N
10
°
80
°
7
°
Standard Switches
M5
Allen-head bolt
JIS B 0202 G½
17.5
×7 dia. *
(125)
(4.9)
(15.1)
40±0.7
30.2±0.2
58.7±0.2
14.7
R38
Four, 5.2 dia. holes
Two, M3.5
Three, M4
* Stainless sintered roller
5
60 max.
12.7
40±1.5
41.5±1.5
53±1.5
68.7
21.6
53.2±0.8
42 max.
29.2±1.2
Four, M6
Depth: 15 min.
25.4
25.4
13.1
Roller lever R38
Basic
WLCA2-N
WLCA2-2-N
WLCA2-2N-N
The only difference in the shape for High-sensitivity and
High-precision Switches is the set position marker plate.
High-sensitivity
WLG2-N
High-precision
WLGCA2-N
17.5
×15 dia. *
(137)
(4.9)
(15.1)
40±0.7
30.2±0.2
58.7±0.2
14.7
R50
Two, M3.5
Three, M4
Four, 5.2 dia.
holes
* Stainless sintered roller
5
67.2 max.
12.7
41.5±1.5
58.1±1.5
M5
Allen-head bolt
JIS B 0202 G½
68.7
21.6
53.2±0.8
42 max.
29.2±1.2
Four, M6
Depth: 15 min
25.4
25.4
13.1
36±1.5
Roller lever R50
Basic
WLCA2-7-N
M5
Allen-head bolt
17.5
×7 dia. *
(150)
(4.9)
(15.1)
40±0.7
30.2±0.2
58.7±0.2
14.7
R63
Two, M3.5
Three, M4
JIS B 0202 G½
Four, 5.2 dia.
holes
* Stainless sintered roller
5
60 max.
12.7
41.5±1.5
40±1.5
53±1.5
68.7
21.6
53.2±0.8
42 max.
29.2±1.2
Four, M6
Depth: 15 min
25.4
25.4
13.1
Roller lever R63
Basic
WLCA2-8-N
17.5
×7 dia. *
(4.9)
(15.1)
40±0.7
30.2±0.2
58.7±0.2
14.7
Two, M3.5
Three, M4
M5
Allen-head
bolt
JIS B 0202 G½
Four, 5.2 dia. holes
* Stainless sintered roller
5
Adjustable range:
25 to 89
67 max.
12.7
41.5±1.5
60±1.5
68.7
65.2±0.8
42 max.
21.6
29.2±1.2
Four, M6
Depth: 15 min
25.4
25.4
13.1
Adjustable roller lever
Basic
WLCA12-N
WLCA12-2-N
WLCA12-2N-N
High-sensitivity
WLG12-N
Only the external appearance of the set position
indicator plate varies on high-sensitivity models.
+2°
−1°
+2°
0
°
+2°
−1°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com