Electronic Components Datasheet Search
  English  ▼

X  

GPRS Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # GPRS
Description  Quad-band Antenna Switch Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

GPRS Datasheet(HTML) 3 Page - Eudyna Devices Inc

  GPRS Datasheet HTML 1Page - Eudyna Devices Inc GPRS Datasheet HTML 2Page - Eudyna Devices Inc GPRS Datasheet HTML 3Page - Eudyna Devices Inc GPRS Datasheet HTML 4Page - Eudyna Devices Inc GPRS Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FMM5321ZV
Quad-band Antenna Switch Module
GSM850 / GSM900 / DCS1800 / PCS1900 / GPRS Applications
Rev 1.1
April 20, 2005
3
Eudyna Devices Inc. Confidential
DCS1800 Tx @Pin=32 dBm
Insertion Loss
1710 – 1785 MHz
-20 to 70 °C
1.4
1.6
1.7
dB
VSWR Tx
1710 – 1785 MHz
-20 to 70 °C
1.5
1.7
3420 – 3570 MHz
-20 to 70 °C
25
22
30
Attenuation
5130 – 5355 MHz
-20 to 70 °C
16
16
18
dB
3420 – 3570 MHz
-20 to 70 °C
67
63
Harmonics
5130 – 5355 MHz
-20 to 70 °C
70
65
dBc
Port Isolation
DCS1800 Tx to any Rx port
-20 to 70 °C
25
dB
PCS1900 Tx @Pin=32 dBm
Insertion Loss
1850 – 1910 MHz
-20 to 70 °C
1.5
1.7
1.9
dB
VSWR Tx
1850 – 1910 MHz
-20 to 70 °C
1.5
1.7
3700 – 3820 MHz
-20 to 70 °C
25
22
30
Attenuation
5550 – 5730 MHz
-20 to 70 °C
19
17
22
dB
3700 – 3820 MHz
-20 to 70 °C
70
63
Harmonics
5550 – 5730 MHz
-20 to 70 °C
70
65
dBc
Port Isolation
PCS1900 Tx to any Rx port
-20 to 70 °C
25
dB
Current consumption
Tx mode
-20 to 70 °C
500
950
uA
Rx Operation
GSM850 Rx
Insertion Loss
869 - 894 MHz, Pin=10 dBm
-20 to 70 °C
0.9
1.25
1.45
dB
VSWR Rx
869 - 894 MHz, Pin=10 dBm
-20 to 70 °C
1.5
GSM900 Rx
Insertion Loss
925 – 960 MHz, Pin=10 dBm
-20 to 70 °C
1.0
1.35
1.55
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com