Electronic Components Datasheet Search
  English  ▼

X  

LTM455HTW Datasheet(PDF) 1 Page - auris-GmbH

Part # LTM455HTW
Description  Filter THT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

LTM455HTW Datasheet(HTML) 1 Page - auris-GmbH

  LTM455HTW Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7.7
LTM 450/455 W
series
Remarks: All specifications subject to change without notice!
Features:
- For communication
- 6 elements
- 450/455 KHz
Characteristics
Filter THT
Specifications
LTM 450
Part number
AW
BW
CW
DW
EW
FW
GW
HW
IW
HTW
Center frequency (KHz)
450±2.0
450±2.0
450±2.0
450±1.5
450±1.5
450±1.5
450±1.5
450±1.0
450±1.0
450±1.0
Insertion loss (dB) max
4
4
4
4
6
6
6
6
6
6
Pass band ripple (dB) max
2
2
2
2
2
2
2
2
2
2
6dB bandwidth (KHz) min
±17.5
±15
±12.5
±10
±7.5
±6
±4.5
±3
±2
±3
40dB bandwidth (KHz) max
±35
±30
±24
±20
±15
±12.5
±10
±9
±7.5
±9
Stop band att. ±100KHz (dB) min
40
40
40
40
40
40
40
40
40
60
Input/output impedance (Ohm)
1000
1500
1500
1500
1500
2000
2000
2000
2000
2000
Specifications
LTM 455
Part number
AW
BW
CW
DW
EW
FW
GW
HW
IW
HTW
Center frequency (KHz)
455±2.0
455±2.0
455±2.0
455±1.5
455±1.5
455±1.5
455±1.5
455±1.0
455±1.0
455±1.0
Insertion loss (dB) max
4
4
4
4
6
6
6
6
6
6
Pass band ripple (dB) max
2
2
2
2
2
2
2
2
2
2
6dB bandwidth (KHz) min
±17.5
±15
±12.5
±10
±7.5
±6
±4.5
±3
±2
±3
40dB bandwidth (KHz) max
±35
±30
±24
±20
±15
±12.5
±10
±9
±7.5
±9
Stop band att. ±100KHz (dB) min
40
40
40
40
40
40
40
40
40
60
Input/output impedance (Ohm)
1000
1500
1500
1500
1500
2000
2000
2000
2000
2000
Drawing
Test circuit
LTM 450/455 W
Dimensions in mm
Order key
F
- LTM 450
- AW
-
Part
Package
Individual specification
Opion
F= Ceramic filter
LTM 450
AW
FW
blanc = standard
LTM 455
BW
GW
CW
HW
DW
IW
EW
HTW
X=Special options


Similar Part No. - LTM455HTW

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
LTM455HTW EUROQUARTZ-LTM455HTW Datasheet
52Kb / 1P
CERAMIC FILTER
logo
ECS, Inc.
LTM455HTW ECS-LTM455HTW Datasheet
309Kb / 1P
6 ELEMENT CERAMIC FILTER
logo
Shoulder Electronics Li...
LTM455HTW SHOULDER-LTM455HTW Datasheet
96Kb / 2P
CERAMIC FILTER
logo
auris-GmbH
LTM455HTW AURIS-LTM455HTW Datasheet
270Kb / 1P
Filter THT, Ceramic
logo
Token Electronics Indus...
LTM455HTW TOKEN-LTM455HTW Datasheet
342Kb / 3P
LTM 455/450 Ceramic Filters
More results

Similar Description - LTM455HTW

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LT455U AURIS-LT455U Datasheet
130Kb / 1P
Filter THT
LT455W AURIS-LT455W Datasheet
133Kb / 1P
Filter THT
LTA10 AURIS-LTA10 Datasheet
295Kb / 1P
Filter THT
LTM455U AURIS-LTM455U Datasheet
143Kb / 1P
Filter THT
LTP AURIS-LTP Datasheet
112Kb / 1P
Filter THT
LTZ AURIS-LTZ Datasheet
116Kb / 1P
Filter THT
LT450U AURIS-LT450U Datasheet
196Kb / 1P
Filter THT, Ceramic
LTA10 AURIS-LTA10_1 Datasheet
331Kb / 1P
Filter THT, Ceramic
LTM450U AURIS-LTM450U Datasheet
185Kb / 1P
Filter THT, Ceramic
LTM450W AURIS-LTM450W Datasheet
270Kb / 1P
Filter THT, Ceramic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com