Electronic Components Datasheet Search
  English  ▼

X  

ZTY Datasheet(PDF) 1 Page - auris-GmbH

Part # ZTY
Description  Resonator SMD, 2 Pin
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

ZTY Datasheet(HTML) 1 Page - auris-GmbH

  ZTY Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6.1
ZTB/Y
Features:
- Low cost
- Consumer electronics
- Microprocessor systems
- Automatotive applications
Remarks: All specifications subject to change without notice!
Test circuit
Resonator SMD, 2 Pin
Specifications
Frequency range (kHz)
430 ~ 509
510 ~ 699
700 ~ 1250
Frequency accuracy (25°C)
+/-1kHz
+/-2kHz
+/-0.5%
Temp. stability (-20°C ~ +80°C)
+/-0.3%
+/-0.3%
+/-0.3%
Aging (over 10 years)
+/-0.3%
+/-0.3%
+/-0.3%
Capacitance (pF)
C1
100
100
100
C2
470
100
100
+/-0.3%
120
470
ZTB/Y
375 ~ 429
+/-1kHz
+/-0.3%
Drawing
ZTB/Y 375 ~ 429
ZTB/Y 430 ~ 699
ZTB/Y 700 ~ 1250
Dimensions in mm
Order key
R
- 450.00K
- ZTB/Y
- 2.0
- 0.3
- H
- 100/470
Part
Frequency
Type/Package
Frequency
Temperature
Temperature
Load
tolerance
tolerance
range
capacitance
R=Resonator
K=KHz
ZTB/Y series
+/-KHz or %
+/-%
H=-20°C ~ +80°C
pF
M=MHz
(25°C)
(Temp. range)
C1/C2


Similar Description - ZTY

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTA AURIS-ZTA Datasheet
147Kb / 1P
Resonator THT, 2 Pin
ZTACC AURIS-ZTACC Datasheet
125Kb / 1P
Resonator SMD, 2 Pin
ZTACV AURIS-ZTACV Datasheet
128Kb / 1P
Resonator SMD, 2 Pin
ZTB AURIS-ZTB Datasheet
163Kb / 1P
Resonator THT, 2 Pin
ZTTCC AURIS-ZTTCC Datasheet
143Kb / 1P
Resonator SMD, 3 Pin
ZTTCR AURIS-ZTTCR Datasheet
188Kb / 1P
Resonator SMD, 3 Pin
logo
Oscilent Corporation
672-12.0M-33-03 OSCILENT-672-12.0M-33-03 Datasheet
141Kb / 3P
SMD Resonator
674-10.5M-33-03 OSCILENT-674-10.5M-33-03 Datasheet
143Kb / 3P
SMD Resonator
R-674 OSCILENT-R-674 Datasheet
143Kb / 3P
SMD Resonator
R-685 OSCILENT-R-685 Datasheet
120Kb / 1P
SMD Resonator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com