Electronic Components Datasheet Search
  English  ▼

X  

FSU01LG Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FSU01LG
Description  General Purpose GaAs FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FSU01LG Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FSU01LG Datasheet HTML 1Page - Eudyna Devices Inc FSU01LG Datasheet HTML 2Page - Eudyna Devices Inc FSU01LG Datasheet HTML 3Page - Eudyna Devices Inc FSU01LG Datasheet HTML 4Page - Eudyna Devices Inc FSU01LG Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
+j250
+j100
+j50
+j25
+j10
0
-j10
-j25
-j50
-j100
-j250
S11
S22
180
°
+90
°
0
°
-90
°
S21
S12
SCALE FOR |S21|
0.2
2
.05
0.1
1
3
4
0.4 GHz
0.4 GHz
2
2
2
2
1
1
1
1
3
3
3
3
250
100
10
25
50
Ω
4 GHz
4 GHz
4 GHz
4 GHz
0.4 GHz
SCALE FOR |S12|
0.4 GHz
S-PARAMETERS
VDS =6V, IDS = 40mA
FREQUENCY
S11
S21
S12
S22
(MHZ)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
400
.987
-13.8
4.507
168.3
.011
77.9
.812
-6.7
600
.985
-20.3
4.488
162.8
.016
76.2
.812
-10.0
800
.974
-27.1
4.421
157.0
.021
72.0
.807
-13.2
1000
.966
-34.1
4.367
151.3
.026
68.6
.803
-16.4
1200
.954
-40.0
4.309
146.4
.030
65.2
.793
-19.8
1400
.936
-47.0
4.212
140.5
.035
60.3
.786
-23.0
1600
.935
-53.3
4.158
135.2
.038
56.5
.778
-25.8
1800
.910
-58.7
4.037
130.8
.043
51.8
.766
-28.9
2000
.904
-65.4
3.980
125.2
.047
48.8
.761
-31.8
2200
.888
-71.0
3.885
120.7
.049
45.2
.748
-34.3
2400
.871
-77.0
3.797
115.5
.052
42.6
.739
-37.5
2600
.856
-82.5
3.696
110.9
.055
39.5
.729
-40.2
2800
.844
-88.1
3.609
106.2
.057
35.7
.716
-43.0
3000
.829
-93.3
3.511
101.9
.060
30.9
.704
-45.8
3200
.812
-98.4
3.400
97.7
.060
27.2
.692
-47.9
3400
.798
-103.1
3.323
93.8
.061
26.0
.687
-50.3
3600
.788
-107.9
3.249
89.7
.062
22.9
.681
-52.8
3800
.779
-112.6
3.176
85.6
.063
20.9
.674
-55.3
4000
.769
-117.3
3.101
81.7
.063
19.4
.668
-58.0
FSU01LG
General Purpose GaAs FET
Download S-Parameters, click here



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com