Electronic Components Datasheet Search
  English  ▼

X  

FSX017LG Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FSX017LG
Description  General Purpose GaAs FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FSX017LG Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FSX017LG Datasheet HTML 1Page - Eudyna Devices Inc FSX017LG Datasheet HTML 2Page - Eudyna Devices Inc FSX017LG Datasheet HTML 3Page - Eudyna Devices Inc FSX017LG Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FSX017LG
General Purpose GaAs FET
POWER DERATING CURVE
DRAIN CURRENT vs. DRAIN-SOURCE VOLTAGE
200
100
50
150
250
50
60
40
10
20
30
0
50
100
150
200
12
3
4
5
6
Ambient Temperature (°C)
Drain-Source Voltage (V)
VGS = 0V
-0.2V
-0.4V
-0.6V
-0.8V
-1.0V
-1.2V
OUTPUT POWER vs. INPUT POWER
VDS=4V
IDS = 30mA
f = 12GHz
01
2
3
9 10 11
45
6
7
8
14
15
16
17
13
12
11
10
9
30
20
10
ηadd
Pout



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com