Electronic Components Datasheet Search
  English  ▼

X  

FSX017X Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FSX017X
Description  GaAs FET & HEMT Chips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FSX017X Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FSX017X Datasheet HTML 1Page - Eudyna Devices Inc FSX017X Datasheet HTML 2Page - Eudyna Devices Inc FSX017X Datasheet HTML 3Page - Eudyna Devices Inc FSX017X Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
S-PARAMETERS
VDS = 8V, IDS = 35mA
FREQUENCY
S11
S21
S12
S22
(MHZ)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1000
.989
-24.0
4.538
162.3
.013
76.7
.837
-6.1
2000
.960
-46.5
4.260
145.7
.025
65.4
.820
-11.9
3000
.925
-66.6
3.890
130.9
.035
55.1
.801
-16.9
4000
.890
-84.0
3.493
117.7
.042
46.0
.782
-21.6
5000
.860
-99.0
3.132
106.3
.048
38.6
.764
-25.9
6000
.833
-111.8
2.814
95.9
.052
32.5
.751
-29.9
7000
.814
-122.6
2.525
86.5
.054
27.4
.740
-33.8
8000
.799
-132.1
2.294
78.2
.057
23.2
.733
-37.8
9000
.788
-140.6
2.095
70.2
.060
18.6
.726
-41.7
10000
.780
-148.1
1.931
62.8
.061
15.1
.720
-45.7
11000
.773
-154.7
1.782
55.5
.063
12.0
.716
-49.7
12000
.768
-160.9
1.646
48.7
.064
9.1
.710
-53.6
13000
.762
-166.3
1.536
42.5
.065
5.9
.704
-57.6
14000
.759
-171.4
1.442
36.4
.065
2.6
.702
-61.4
15000
.759
-176.0
1.343
29.7
.065
2.1
.699
-65.4
16000
.759
179.6
1.269
25.1
.068
-.2
.699
-69.5
17000
.764
175.6
1.215
18.1
.066
-3.1
.697
-73.4
18000
.766
171.6
1.137
12.7
.069
-3.6
.695
-77.7
19000
.771
167.7
1.087
7.5
.071
-6.6
.694
-81.8
20000
.778
164.1
1.042
1.2
.070
-10.1
.691
-85.4
NOTE:* The data includes bonding wires.
n: number of wires
Gate
n=1 (0.1mm length, 25µm Dia Au wire)
Drain
n=1 (0.1mm length, 25µm Dia Au wire)
Source n=4 (0.2mm length, 25µm Dia Au wire)
FSX017X
GaAs FET & HEMT Chips
Download S-Parameters, click here



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com