Electronic Components Datasheet Search
  English  ▼

X  

FSX027WF Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FSX027WF
Description  General Purpose GaAs FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FSX027WF Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FSX027WF Datasheet HTML 1Page - Eudyna Devices Inc FSX027WF Datasheet HTML 2Page - Eudyna Devices Inc FSX027WF Datasheet HTML 3Page - Eudyna Devices Inc FSX027WF Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FSX027WF
General Purpose GaAs FET
180
°
+90
°
0
°
-90
°
15GHz
15GHz
1GHz
15GHz
15GHz
1GHz
1GHz
1GHz
1GHz
S11
S22
S21
S12
+j250
+j100
+j50
+j25
+j10
0
12
12
14
14
10
10
8
8
6
6
4
4
2
12
12
14
14
10
10
8
8
6
6
4
4
2
2
2
-j10
-j25
-j50
-j100
-j250
250
100
50
Ω
SCALE FOR |S21|
42
6
8
.04
.08
.12
.16
S-PARAMETERS
VDS =8V, IDS = 75mA
FREQUENCY
S11
S21
S12
S22
(MHZ)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1000
.942
-53.2
6.773
142.1
.021
62.8
.651
-25.8
2000
.852
-91.2
5.211
114.2
.030
47.6
.628
-43.7
3000
.782
-116.0
3.993
94.6
.033
43.1
.635
-56.5
4000
.745
-135.8
3.335
80.7
.035
41.5
.651
-66.8
5000
.710
-155.2
2.994
66.2
.037
44.2
.652
-73.6
6000
.683
-176.8
2.747
51.7
.040
41.3
.642
-83.7
7000
.656
-159.9
2.532
36.2
.048
38.2
.634
-97.6
8000
.638
139.7
2.323
20.2
.054
26.4
.638
-115.9
9000
.618
119.4
2.089
1.4
.057
17.1
.636
-134.5
10000
.601
97.2
1.838
-14.7
.065
3.9
.642
-150.7
11000
.592
73.4
1.639
-30.5
.078
-5.1
.646
-168.5
12000
.591
51.8
1.646
-48.3
.087
-28.1
.647
172.6
13000
.600
33.6
1.401
-67.1
.093
-31.1
.651
155.2
14000
.582
19.1
1.409
-82.1
.117
-38.7
.668
139.4
15000
.499
-0.7
1.246
-103.6
.139
-53.2
.705
121.8
Download S-Parameters, click here



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com