Electronic Components Datasheet Search
  English  ▼

X  

EP4CE10 Datasheet(PDF) 13 Page - Altera Corporation

Part # EP4CE10
Description  Cyclone IV Device Handbook
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE10 Datasheet(HTML) 13 Page - Altera Corporation

Back Button EP4CE10 Datasheet HTML 9Page - Altera Corporation EP4CE10 Datasheet HTML 10Page - Altera Corporation EP4CE10 Datasheet HTML 11Page - Altera Corporation EP4CE10 Datasheet HTML 12Page - Altera Corporation EP4CE10 Datasheet HTML 13Page - Altera Corporation EP4CE10 Datasheet HTML 14Page - Altera Corporation EP4CE10 Datasheet HTML 15Page - Altera Corporation EP4CE10 Datasheet HTML 16Page - Altera Corporation EP4CE10 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–3
Operating Conditions
December 2016
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
1 A DC signal is equivalent to 100% duty cycle. For example, a signal that overshoots to
4.3 V can only be at 4.3 V for 65% over the lifetime of the device; for a device lifetime
of 10 years, this amounts to 65/10ths of a year.
Figure 1–1 shows the methodology to determine the overshoot duration. The
overshoot voltage is shown in red and is present on the input pin of the Cyclone IV
device at over 4.3 V but below 4.4 V. From Table 1–2, for an overshoot of 4.3 V, the
percentage of high time for the overshoot can be as high as 65% over a 10-year period.
Percentage of high time is calculated as ([delta T]/T) × 100. This 10-year period
assumes that the device is always turned on with 100% I/O toggle rate and 50% duty
cycle signal. For lower I/O toggle rates and situations in which the device is in an idle
state, lifetimes are increased.
Table 1–2. Maximum Allowed Overshoot During Transitions over a 10
-Year Time Frame for
Cyclone IV Devices
Symbol
Parameter
Condition (V)
Overshoot Duration as % of High Time
Unit
Vi
AC Input
Voltage
VI = 4.20
100
%
VI = 4.25
98
%
VI = 4.30
65
%
VI = 4.35
43
%
VI = 4.40
29
%
VI = 4.45
20
%
VI = 4.50
13
%
VI = 4.55
9
%
VI = 4.60
6
%
Figure 1–1. Cyclone IV Devices Overshoot Duration
3.3 V
4.3 V
4.4 V
T
DT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com