Electronic Components Datasheet Search
  English  ▼

X  

EP4CE115 Datasheet(PDF) 39 Page - Altera Corporation

Part # EP4CE115
Description  Cyclone IV Device Handbook
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115 Datasheet(HTML) 39 Page - Altera Corporation

Back Button EP4CE115 Datasheet HTML 35Page - Altera Corporation EP4CE115 Datasheet HTML 36Page - Altera Corporation EP4CE115 Datasheet HTML 37Page - Altera Corporation EP4CE115 Datasheet HTML 38Page - Altera Corporation EP4CE115 Datasheet HTML 39Page - Altera Corporation EP4CE115 Datasheet HTML 40Page - Altera Corporation EP4CE115 Datasheet HTML 41Page - Altera Corporation EP4CE115 Datasheet HTML 42Page - Altera Corporation EP4CE115 Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–29
Switching Characteristics
December 2016
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
tLOCK (3)
—
—
—
1
—
—1—
—
1
—
—1—
—
1
ms
Notes to Table 1–31:
(1) Applicable for true RSDS and emulated RSDS_E_3R transmitter.
(2) Cyclone IV E devices—true RSDS transmitter is only supported at the output pin of Row I/O Banks 1, 2, 5, and 6. Emulated RSDS transmitter is supported at the
output pin of all I/O Banks.
Cyclone IV GX devices—true RSDS transmitter is only supported at the output pin of Row I/O Banks 5 and 6. Emulated RSDS transmitter is supported at the output
pin of I/O Banks 3, 4, 5, 6, 7, 8, and 9.
(3) tLOCK is the time required for the PLL to lock from the end-of-device configuration.
(4) Cyclone IV E 1.0 V core voltage devices only support C8L, C9L, and I8L speed grades. Cyclone IV E 1.2 V core voltage devices only support C6, C7, C8, I7, and A7
speed grades. Cyclone IV GX devices only support C6, C7, C8, and I7 speed grades.
Table 1–31. RSDS Transmitter Timing Specifications for Cyclone IV Devices (1), (2), (4) (Part 2 of 2)
Symbol
Modes
C6
C7, I7
C8, A7
C8L, I8L
C9L
Unit
Min
Typ
Max Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Table 1–32. Emulated RSDS_E_1R Transmitter Timing Specifications for Cyclone IV Devices (1), (3) (Part 1 of 2)
Symbol
Modes
C6
C7, I7
C8, A7
C8L, I8L
C9L
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fHSCLK (input
clock
frequency)
×10
5
—
85
5
—
85
5
—
85
5
—
85
5
—
72.5
MHz
×8
5
—
85
5
—
85
5
—
85
5
—
85
5
—
72.5
MHz
×7
5
—
85
5
—
85
5
—
85
5
—
85
5
—
72.5
MHz
×4
5
—
85
5
—
85
5
—
85
5
—
85
5
—
72.5
MHz
×2
5
—
85
5
—
85
5
—
85
5
—
85
5
—
72.5
MHz
×1
5
—
170
5
—
170
5
—
170
5
—
170
5
—
145
MHz
Device
operation in
Mbps
×10
100
—
170
100
—
170
100
—
170
100
—
170
100
—
145
Mbps
×8
80
—
170
80
—
170
80
—
170
80
—
170
80
—
145
Mbps
×7
70
—
170
70
—
170
70
—
170
70
—
170
70
—
145
Mbps
×4
40
—
170
40
—
170
40
—
170
40
—
170
40
—
145
Mbps
×2
20
—
170
20
—
170
20
—
170
20
—
170
20
—
145
Mbps
×1
10
—
170
10
—
170
10
—
170
10
—
170
10
—
145
Mbps
tDUTY
—
45
—
55
45
—
55
45
—
55
45
—
55
45
—
55
%
TCCS
—
—
—
200
—
—
200
—
—
200
—
—
200
—
—
200
ps
Output jitter
(peak to peak)
—
—
—
500
—
—
500
—
—
550
—
—
600
—
—
700
ps
tRISE
20 – 80%,
CLOAD =
5pF
—
500
—
—
500
—
—
500
—
—
500
—
—
500
—
ps
tFALL
20 – 80%,
CLOAD =
5pF
—
500
—
—
500
—
—
500
—
—
500
—
—
500
—
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com