Electronic Components Datasheet Search
  English  ▼

X  

SSA3000XP-DMA Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SSA3000XP-DMA
Description  Spectrum Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSA3000XP-DMA Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SSA3000XP-DMA Datasheet HTML 8Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 9Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 10Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 11Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 12Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 13Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 14Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 15Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
10
SSA3000X Plus Analyzer DataSheet
Displayed Average Noise Level (DANL)
SSA3015X Plus
SSA3021X Plus
SSA3032X Plus
SSA3075X Plus
20 °C to 30 °C, att = 0 dB, RBW = 1 Hz, sample detector, trace average > 50, TG off
Preamp
off
100 kHz ~1 MHz
-101 dBm,
-107 dBm (typ.)
-107 dBm,
-111 dBm (typ.)
-107 dBm,
-111 dBm (typ.)
-105 dBm,
-109 dBm (typ.)
1 MHz~10 MHz
-124 dBm,
-130 dBm (typ.)
-132 dBm,
-136 dBm (typ.)
-132 dBm,
-136 dBm (typ.)
-122 dBm,
-126 dBm (typ.)
10 MHz~200 MHz
-128 dBm,
-134 dBm (typ.)
-137 dBm,
-141 dBm (typ.)
-137 dBm,
-141 dBm (typ.)
-142 dBm,
-146 dBm (typ.)
200 MHz~1.5 GHz
-121 dBm,
-127 dBm (typ.)
-135 dBm,
-139 dBm (typ.)
-135 dBm,
-139 dBm (typ.)
-142 dBm,
-147 dBm (typ.)
1.5 GHz~3.2 GHz
-126 dBm,
-132 dBm (typ.)
-126 dBm,
-132 dBm (typ.)
-140 dBm,
-145 dBm (typ.)
3.2 GHz~5.0 GHz
-137 dBm,
-143 dBm (typ.)
5.0 GHz~6.5 GHz
-136 dBm,
-141 dBm (typ.)
6.5 GHz~7.5 GHz
-134 dBm,
-139 dBm (typ.)
Preamp
on
100 kHz ~1 MHz
-120 dBm,
-128 dBm (typ.)
-132 dBm,
-137 dBm (typ.)
-132 dBm,
-137 dBm (typ.)
-133 dBm,
-136 dBm (typ.)
1 MHz~10 MHz
-147 dBm,
-152 dBm (typ.)
-148 dBm,
-154 dBm (typ.)
-148 dBm,
-154 dBm (typ.)
-151 dBm,
-154 dBm (typ.)
10 MHz~200 MHz
-150 dBm,
-156 dBm (typ.)
-156 dBm,
-161 dBm (typ.)
-156 dBm,
-161 dBm (typ.)
-161 dBm,
-165 dBm (typ.)
200 MHz~1.5 GHz
-142 dBm,
-148 dBm (typ.)
-155 dBm,
-158 dBm (typ.)
-155 dBm,
-158 dBm (typ.)
-159 dBm,
-163 dBm (typ.)
1.5 GHz~3.2 GHz
-145 dBm,
-149 dBm (typ.)
-145 dBm,
-149 dBm (typ.)
-159 dBm,
-162 dBm (typ.)
3.2 GHz~5.0 GHz
-157 dBm,
-161 dBm (typ.)
5.0 GHz~6.5 GHz
-157 dBm,
-160 dBm (typ.)
6.5 GHz~7.5 GHz
-155 dBm,
-159 dBm (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com