Electronic Components Datasheet Search
  English  ▼

X  

LT3080 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3080
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080 Datasheet(HTML) 1 Page - Linear Technology

  LT3080 Datasheet HTML 1Page - Linear Technology LT3080 Datasheet HTML 2Page - Linear Technology LT3080 Datasheet HTML 3Page - Linear Technology LT3080 Datasheet HTML 4Page - Linear Technology LT3080 Datasheet HTML 5Page - Linear Technology LT3080 Datasheet HTML 6Page - Linear Technology LT3080 Datasheet HTML 7Page - Linear Technology LT3080 Datasheet HTML 8Page - Linear Technology LT3080 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LT1083/LT1084/LT1085 Fixed
1
1083ffe
For more information www.linear.com/LT1083
Typical applicaTion
DescripTion
3A, 5A, 7.5A Low Dropout
Positive Fixed Regulators
The LT®1083 series of positive adjustable regulators are
designed to provide 3A, 5A and 7.5A with higher efficiency
than currently available devices. All internal circuitry is
designed to operate down to 1V input to output differential
and the dropout voltage is fully specified as a function
of load current. Dropout is guaranteed at a maximum of
1.5V at maximum output current, decreasing at lower load
currents. On-chip trimming adjusts the output voltage to
1%. Current limit is also trimmed, minimizing the stress
on both the regulator and power source circuitry under
overload conditions.
The LT1083 series devices are pin compatible with older
three-terminal regulators. A 10µF output capacitor is
required on these new devices; however, this is usually
included in most regulator designs.
Unlike PNP regulators, where up to 10% of the output cur-
rent is wasted as quiescent current, the LT1083 quiescent
current flows into the load, increasing efficiency.
FeaTures
applicaTions
n
Three-Terminal 3.3V, 3.6V, 5V and 12V
n
Output Current of 3A, 5A or 7.5A
n
Operates Down to 1V Dropout
n
Guaranteed Dropout Voltage at Multiple Current Levels
n
Line Regulation: 0.015%
n
Load Regulation: 0.1%
n
100% Thermal Limit Functional Test
n
Adjustable Versions Available
n
High Efficiency Linear Regulators
n
Post Regulators for Switching Supplies
n
Constant Current Regulators
n
Battery Chargers
DEVICE
OUTPUT CURRENT*
LT1083
LT1084
LT1085
7.5 Amps
5.0 Amps
3.0 Amps
*For a 1.5A low dropout regulator see the LT1086 data sheet.
5V, 7.5A Regulator
VIN ≥ 6.5V
5V AT 7.5A
LT1083-5
LT1083/4/5 TA01
22µF*
TANTALUM
+
10µF
+
*REQUIRED FOR STABILITY
Dropout Voltage vs Output Current
OUTPUT CURRENT (A)
0
2
1
0
1083/4/5 TA02
IFULLLOAD/2
IFULLLOAD
L
, LT, LTC, LTM, Linear Technology, the Linear logo and OPTI-LOOP are registered trademarks
and UltraFast is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.


Similar Part No. - LT3080

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3080 LINER-LT3080 Datasheet
289Kb / 26P
Adjustable1.1A Single Resistor Low Dropout Regulator
LT3080 LINER-LT3080 Datasheet
264Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3080 LINER-LT3080 Datasheet
543Kb / 20P
1.5A, Low Noise, Negative Linear Regulator
LT3080 LINER-LT3080 Datasheet
237Kb / 20P
3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3080 LINER-LT3080 Datasheet
338Kb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
More results

Similar Description - LT3080

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1083 LINER-LT1083 Datasheet
287Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
List of Unclassifed Man...
OM185-5ST ETC-OM185-5ST Datasheet
407Kb / 4P
7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com