Electronic Components Datasheet Search
  English  ▼

X  

D2152 Datasheet(PDF) 1 Page - Stanson Technology

Part # D2152
Description  NPN TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

D2152 Datasheet(HTML) 1 Page - Stanson Technology

  D2152 Datasheet HTML 1Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NPN TRANSISTOR
D2152
3.0A
AF OUTPUT AMPLIFIER
FOR DC-DC CONVERTER
FOR CAMERA MOTOR DRIVER
TO-92
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(Ta=25℃)
PARAMETERS
SYMBOL MIN TYP MAX
UNIT
CONDITION
Collector-Emitter Breakdown Voltage
BVceo
20
V
Ic=1mA
Collector-Base Breakdown Voltage
BVcbo
40
V
Ic=5uA
Emitter-Base Breakdown Voltage
BVebo
6
V
Ie=50μA
Collector-Base Leakage
Icbo
0.1
uA
Vcb=10V
Emitter-Base Leakage
Iebo
0.1
uA
Veb=5V
Collector-Emitter Saturation Voltage
Vce(sat)
0.5
V
Ic=2A
Ib=0.1A
DC Current Gain
Hfe1
Hfe2
120
150
560
Vce=2V,Ic=0.5A
Vce=2V,Ic=2A
Collector Current
Ic
3
A
Peak Collector Current
Icp
5
A(Pulse)
Current Gain Bandwidth
fT
150
MHz
Vcb=6V, Ic=50mA
Output Capacitance
Cob
50
pF
Vcb=20V,Ie=0,f=1MHz
Power Dissipation
Pc
0.75
W
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-55
150
℃
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295


Similar Part No. - D2152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D215 ETC1-D215 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D215 MPD-D215 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Stanson Technology
D2150 STANSON-D2150 Datasheet
80Kb / 1P
NPN TRANSISTOR
logo
fujitsu semiconductor
D2151-A FUJITSU-D2151-A Datasheet
503Kb / 2P
Premium Mainboard
logo
MicroPower Direct, LLC
D215E MPD-D215E Datasheet
181Kb / 2P
Low Cost, 2W SIP Single & Dual Output DC/DC Converters
More results

Similar Description - D2152

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com