Electronic Components Datasheet Search
  English  ▼

X  

ST1413AC Datasheet(PDF) 2 Page - Stanson Technology

Part # ST1413AC
Description  P Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST1413AC Datasheet(HTML) 2 Page - Stanson Technology

  ST1413AC Datasheet HTML 1Page - Stanson Technology ST1413AC Datasheet HTML 2Page - Stanson Technology ST1413AC Datasheet HTML 3Page - Stanson Technology ST1413AC Datasheet HTML 4Page - Stanson Technology ST1413AC Datasheet HTML 5Page - Stanson Technology ST1413AC Datasheet HTML 6Page - Stanson Technology ST1413AC Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P Channel Enhancement Mode MOSFET
ST1413AC
-3.4A
ABSOULTE MAXIMUM RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
+/-12
V
Continuous Drain Current (TJ=150℃) TA=25℃
TA=70℃
ID
-2.8
-2.0
A
Pulsed Drain Current
IDM
-8
A
Continuous Source Current (Diode Conduction)
IS
-1.4
A
Power Dissipation
TA=25℃
TA=70℃
PD
0.33
0.21
W
Operation Junction Temperature
TJ
150
℃
Storgae Temperature Range
TSTG
-55/150
℃
Thermal Resistance-Junction to Ambient
RθJA
105
℃/W
Page 2
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com