Electronic Components Datasheet Search
  English  ▼

X  

UN222 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UN222
Description  Transistor array to drive the small motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN222 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UN222 Datasheet HTML 1Page - Panasonic Semiconductor UN222 Datasheet HTML 2Page - Panasonic Semiconductor UN222 Datasheet HTML 3Page - Panasonic Semiconductor UN222 Datasheet HTML 4Page - Panasonic Semiconductor UN222 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UNA0222
2
SJK00046BED
■ Electrical Characteristics T
a = 25°C ± 3°C
• PNP
• NPN
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = −10 µA, IE = 0
−10
V
Collector-emitter voltage (Base open)
VCEO
IC
= −1 mA, I
B
= 0
−10
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = −6 V, IE = 0
−1
µA
Forward current transfer ratio
hFE
VCE = −1 V, IC = − 0.5 A
200
700
Collector-emitter saturation voltage
VCE(sat)
IC
= −2 A, I
B
= −50 mA
− 0.45
V
Transition frequency
fT
VCB = −6 V, IE = 50 mA, f = 200 MHz
150
MHz
Collector output capacitance
Cob
VCB = −6 V, IE = 0, f = 1 MHz
70
pF
(Common base, input open circuited)
Forward voltage *
1
VF
IF = −1 A
−1.5
V
Bias resistance *
2
REB
−30%
10
+30%
k
Ω
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 10 µA, IE = 010
V
Collector-emitter voltage (Base open)
VCEO
IC
= 1 mA, I
B
= 010
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 6 V, IE = 01
µA
Forward current transfer ratio
hFE
VCE = 1 V, IC = 0.5 A
200
700
Collector-emitter saturation voltage
VCE(sat)
IC
= 2 A, I
B
= 50 mA
0.25
V
Transition frequency
fT
VCB = 6 V, IE = −50 mA, f = 200 MHz
150
MHz
Collector output capacitance
Cob
VCB = 6 V, IE = 0, f = 1 MHz
50
pF
(Common base, input open circuited)
Forward voltage *
1
VF
IF = 1 A
1.5
V
Bias resistance *
2
REB
−30%
10
+30%
k
Ω
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *1: Application to the built-in diode
*2: Application to the built-in resistance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com