Electronic Components Datasheet Search
  English  ▼

X  

ST3413 Datasheet(PDF) 1 Page - Stanson Technology

Part # ST3413
Description  P Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST3413 Datasheet(HTML) 1 Page - Stanson Technology

  ST3413 Datasheet HTML 1Page - Stanson Technology ST3413 Datasheet HTML 2Page - Stanson Technology ST3413 Datasheet HTML 3Page - Stanson Technology ST3413 Datasheet HTML 4Page - Stanson Technology ST3413 Datasheet HTML 5Page - Stanson Technology ST3413 Datasheet HTML 6Page - Stanson Technology ST3413 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P Channel Enhancement Mode MOSFET
ST3413
-3.4A
DESCRIPTION
The ST3413 is the P-Channel logic enhancement mode power field effect transistors are
produced using high cell density, DMOS trench technology.
This high density process is especially tailored to minimize on-state resistance.
These devices are particularly suited for low voltage application such as cellular phone and
notebook computer power management and other batter powered circuits where high-side
switching, and low in-line power loss are needed in a very small outline surface mount
package.
PIN CONFIGURATION
SOT-23-3L
1.Gate
2.Source
3.Drain
1A: Part Marking Y: Year Code
A: Process Code
Page 1
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295
FEATURE
-
20V/-3.4A, RDS(ON) = 95m-ohm
@VGS = -4.5V
-20V/-2.4A, RDS(ON) = 120m-ohm
@VGS = -2.5V
-20V/-1.7A, RDS(ON) = 145m-ohm
@VGS = -1.8V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and
maximum DC current capability
SOT-23-3L package design
3
1
2
D
G
S
3
1
2
13YA


Similar Part No. - ST3413

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ST3413 VBSEMI-ST3413 Datasheet
482Kb / 9P
P-Channel 20-V (D-S) MOSFET
logo
Stanson Technology
ST3413A STANSON-ST3413A Datasheet
267Kb / 7P
P Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
ST3413A VBSEMI-ST3413A Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
logo
List of Unclassifed Man...
ST3413A_V2 ETC2-ST3413A_V2 Datasheet
267Kb / 7P
P Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
ST3413S23RG VBSEMI-ST3413S23RG Datasheet
482Kb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - ST3413

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com