Electronic Components Datasheet Search
  English  ▼

X  

ESGD100 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ESGD100
Description  X Band, Mixer, Modulator Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ESGD100 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ESGD100 Datasheet HTML 1Page - Sanyo Semicon Device ESGD100 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ESGD100
No.7320-1/2
Features
•
Environmentally-considered chip scale package.
•
Less parasitic components, conversion loss.
Type No. Indication(Top view)
Ordering number : ENN7320A
ESGD100
X Band, Mixer, Modulator Applications
Package Dimensions
unit : mm
1321A
[ESGD100]
61003 TS IM TA-100642 / D2502 TS IM TA-100197
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
GaAs Schottky Barrier Diode
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
1 : Anode
2 : Cathode
SANYO : ECSP1006-2
Bottom View
Marking
0.6
0.5
0.5
2
1
2
1
0.6
Top View
0.05
0.05
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Peak Reverse Voltage
VRM
4.5
V
Reverse Voltage
VR
4.0
V
Peak Forward Current
IFM
150
mA
Average Rectified Current
IO
50
mA
Junction Temperature
Tj
150
°C
Operating Temperature
Topr
--40 to +85
°C
Storage Temperature
Tstg
--55 to +150
°C
Mounting Temperature
Tm
10s
230
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward Voltage
VF
IF=20mA
0.8
1.0
V
Reverse Voltage
VR
IR=10µA
4.0
V
Interterminal Capacitance
Ct
VR=0, f=1MHz
0.22
0.32
pF
Series Resistance
Rs
IF=20mA
1.5
3.5
Ω


Similar Part No. - ESGD100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESG KEMET-ESG Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Baumer IVO GmbH & Co. K...
ESG-05SP0200 IVO-ESG-05SP0200 Datasheet
799Kb / 20P
Accessories photoelectric sensors
ESG-05SP0500 IVO-ESG-05SP0500 Datasheet
799Kb / 20P
Accessories photoelectric sensors
ESG-09SH0200 IVO-ESG-09SH0200 Datasheet
799Kb / 20P
Accessories photoelectric sensors
ESG-09SH0500 IVO-ESG-09SH0500 Datasheet
799Kb / 20P
Accessories photoelectric sensors
More results

Similar Description - ESGD100

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBL SANYO-SBL Datasheet
56Kb / 2P
C to Millimeter Band Mixer, Detector, Modulator Applications
SPD SANYO-SPD Datasheet
57Kb / 2P
C to Ku Band Mixer, Detector, Modulator Applications
SGD-100 SANYO-SGD-100 Datasheet
26Kb / 2P
C to X Band, Mixer, Modulator Applications
SGD-100T SANYO-SGD-100T Datasheet
24Kb / 2P
C to X Band, Mixer, Modulator Applications
SGD102 SANYO-SGD102 Datasheet
25Kb / 2P
C to X Band, Mixer, Modulator Applications
logo
Toshiba Semiconductor
1SS295 TOSHIBA-1SS295_01 Datasheet
136Kb / 3P
UHF BAND MIXER APPLICATIONS
logo
Guangdong Kexin Industr...
1SS295 KEXIN-1SS295 Datasheet
34Kb / 1P
UHF BAND MIXER APPLICATIONS
1SS315 KEXIN-1SS315 Datasheet
31Kb / 1P
UHF BAND MIXER APPLICATIONS
logo
Sanyo Semicon Device
SBX201C SANYO-SBX201C_12 Datasheet
351Kb / 5P
S to X-Band Detector, Mixer Applications
logo
Toshiba Semiconductor
1SS315TPH3F TOSHIBA-1SS315TPH3F Datasheet
130Kb / 3P
UHF Band Mixer Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com