Electronic Components Datasheet Search
  English  ▼

X  

IT8712F Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # IT8712F
Description  Environment Control -Low Pin Count Input / Output(EC - LPC I/O)
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8712F Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button IT8712F Datasheet HTML 17Page - List of Unclassifed Manufacturers IT8712F Datasheet HTML 18Page - List of Unclassifed Manufacturers IT8712F Datasheet HTML 19Page - List of Unclassifed Manufacturers IT8712F Datasheet HTML 20Page - List of Unclassifed Manufacturers IT8712F Datasheet HTML 21Page - List of Unclassifed Manufacturers IT8712F Datasheet HTML 22Page - List of Unclassifed Manufacturers IT8712F Datasheet HTML 23Page - List of Unclassifed Manufacturers IT8712F Datasheet HTML 24Page - List of Unclassifed Manufacturers IT8712F Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 189 page
background image
www.ite.com.tw
IT8712F V0.81
3
General Description
2. General Description
The IT8712F is a Low Pin Count Interface-based highly integrated Super I/O. The IT8712F provides the most
commonly used legacy Super I/O functionality plus the latest Environment Control initiatives, such as H/W
Monitor, Fan Speed Controller, ITE’s “SmartGuardian” function and Smart Card Reader Interface. The
device’s LPC interface complies with Intel “LPC Interface Specification Rev. 1.0”. The IT8712F is ACPI &
LANDesk compliant.
The IT8712F features the enhanced hardware monitor providing 3 thermal inputs from remote thermal
resistors, or thermal diode or diode-connected transistor (2N3094). The device also provides the ITE
innovative intelligent automatic Fan ON/OFF & speed control functions (SmartGuardian) to protect the system,
reducing the system noise and power consumption. It also features a PC/SC and ISO 7816 compliant Smart
Card Reader.
The IT8712F contains one game port which supports 2 joysticks, 1 MIDI port, and 1 Fan Speed Controller.
The fan speed controller is responsible to control 5 fan speeds through three 128 steps of Pulse Width
Modulation (PWM) output pins and to monitor five FANs’ Tachometer inputs. It also features two 16C550
UARTs, one IEEE 1284 Parallel Port, one Floppy Disk Controller and one 8042 Keyboard Controller.
The IT8712F has integrated 12 logical devices. One high-performance 2.88MB floppy disk controller, with
digital data separator, supports two 360K/ 720K/ 1.2M/ 1.44M/ 2.88M floppy disk drives. One multi-mode high-
performance parallel port features the bi-directional Standard Parallel Port (SPP), the Enhanced Parallel Port
(EPP V. 1.7 and EPP V. 1.9 are supported), and the IEEE 1284 compliant Extended Capabilities Port (ECP).
Two 16C550 standard compatible enhanced UARTs perform asynchronous communication, and also support
either IR or MIDI interfaces. One game port with built-in 558 quad timers and buffer chips supports direct
connection of 2 joysticks. The device also features one MPU-401 UART mode compatible MIDI port, one fan
speed controller responsible for controlling / monitoring 5 fans and 5 GPIO ports (38 GPIO pins). The IT8712F
also has an integrated 8042 compatible Keyboard Controller with 2KB of programmable ROM for customer
application.
These 12 logical devices can be individually enabled or disabled via software configuration registers. The
IT8712F utilizes power-saving circuitry to reduce power consumption, and once a logical device is disabled the
inputs are gated inhibit, the outputs are tri-state, and the input clock is disabled. The device requires a single
24/48 MHz clock input and operates with +5V power supply. The IT8712F is available in 128-pin QFP (Quad
Flat Package).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com