Electronic Components Datasheet Search
  English  ▼

X  

UN227 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UN227
Description  Transistor array to drive the small motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN227 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UN227 Datasheet HTML 1Page - Panasonic Semiconductor UN227 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Small Signal Transistor Arrays
s Electrical Characteristics (Ta=25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector to base voltage
VCBO
(NPN) IC = 10µA, IE = 0
10
V
(PNP) IC = –10µA, IE = 0
–10
Collector to emitter voltage
VCEO
(NPN) IC = 1mA, IB = 0
10
V
(PNP) IC = –1mA, IB = 0
–10
Emitter to base voltage
VEBO
(NPN) IE = 10µA, IC = 0
7
V
(PNP) IE = –10µA, IC = 0
–7
Collector cutoff current
ICBO
(NPN) VCB = 7V, IE = 0
1
µA
(PNP) VCB = –7V, IE = 0
–1
Collector cutoff current
ICEO
(NPN) VCE = 10V, IB = 0
2
µA
(PNP) VCE = –10V, IB = 0
–2
Forward current transfer ratio
hFE
(NPN) VCE = 1V, IC = 400mA*
200
700
(PNP) VCE = –1V, IC = –400mA*
200
700
Collector to emitter saturation voltage
VCE(sat)
(NPN) IC = 1A, IB = 25mA*
0.25
V
(PNP) IC = –1A, IB = –25mA*
– 0.35
Transition frequency
fT
(NPN) VCB = 6V, IE = –50mA, f = 200MHz
120
MHz
(PNP) VCB = –6V, IE = 50mA, f = 200MHz
120
Collector output capacitance
Cob
(NPN) VCB = 6V, IE = 0, f = 1MHz
25
pF
(NPN) VCB = –6V, IE = 0, f = 1MHz
35
Forward voltage
VF
(NPN) IF = 0.5A
1.3
V
(PNP) IF = – 0.5A
–1.3
*Pulse measurement
UN227



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com