Electronic Components Datasheet Search
  English  ▼

X  

LM4901 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4901
Description  1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4901 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4901 Datasheet HTML 1Page - National Semiconductor (TI) LM4901 Datasheet HTML 2Page - National Semiconductor (TI) LM4901 Datasheet HTML 3Page - National Semiconductor (TI) LM4901 Datasheet HTML 4Page - National Semiconductor (TI) LM4901 Datasheet HTML 5Page - National Semiconductor (TI) LM4901 Datasheet HTML 6Page - National Semiconductor (TI) LM4901 Datasheet HTML 7Page - National Semiconductor (TI) LM4901 Datasheet HTML 8Page - National Semiconductor (TI) LM4901 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Electrical Characteristics V
DD =3V (Notes 1, 2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A =
25˚C. (Continued)
Symbol
Parameter
Conditions
LM4901
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 9)
R
OUT
Resistor Output to GND (Note 10)
8.5
9.7
k
Ω (max)
7.0
k
Ω (min)
P
o
Output Power (8
Ω)
THD = 1% (max);f=1kHz
390
mW
(4
Ω)
THD = 1% (max);f=1kHz
525
mW
T
WU
Wake-up time
75
mS (max)
THD+N
Total Harmonic Distortion+Noise
P
o = 0.25 Wrms; f = 1kHz
0.1
%
PSRR
Power Supply Rejection Ratio
V
ripple = 200mV sine p-p
Input terminated with 10
Ω
62 (f =
217Hz)
68 (f = 1kHz)
55
dB (min)
Electrical Characteristics V
DD = 2.6V
(Notes 1, 2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4901
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 9)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A, No Load
2.0
mA (max)
V
IN = 0V, Io = 0A, 8
Ω Load
3.0
mA (max)
I
SD
Shutdown Current
V
SD =VSD Mode (Note 8)
0.1
µA (max)
V
SDIH
Shutdown Voltage Input High
V
SD MODE =VDD
1.0
V (min)
V
SDIL
Shutdown Voltage Input Low
V
SD MODE =VDD
0.9
V (max)
V
SDIH
Shutdown Voltage Input High
V
SD MODE = GND
1.2
V (min)
V
SDIL
Shutdown Voltage Input Low
V
SD MODE = GND
1.0
V (max)
V
OS
Output Offset Voltage
5
50
mV (max)
R
OUT
Resistor Output to GND (Note 10)
8.5
9.7
k
Ω (max)
7.0
k
Ω (min)
P
o
Output Power ( 8
Ω )
THD = 1% (max);f=1kHz
275
mW
(4
Ω )
THD = 1% (max);f=1kHz
340
T
WU
Wake-up time
70
mS (max)
THD+N
Total Harmonic Distortion+Noise
P
o = 0.15 Wrms; f = 1kHz
0.1
%
PSRR
Power Supply Rejection Ratio
V
ripple = 200mV sine p-p
Input terminated with 10
Ω
51 (f =
217Hz)
51 (f = 1kHz)
dB (min)
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4901, see power derating
curves for additional information.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine Model, 220 pF–240 pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: For micro SMD only, shutdown current is measured in a Normal Room Environment. Exposure to direct sunlight will increase ISD by a maximum of 2µA.
Note 9: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 10: RROUT is measured from the output pin to ground. This value represents the parallel combination of the 10kΩ output resistors and the two 20kΩ resistors.
Note 11: If the product is in Shutdown mode and VDD exceeds 6V (to a max of 8V VDD), then most of the excess current will flow through the ESD protection circuits.
If the source impedance limits the current to a max of 10mA, then the device will be protected. If the device is enabled when VDD is greater than 5.5V and less than
6.5V, no damage will occur, although operation life will be reduced. Operation above 6.5V with no current limit will result in permanent damage.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com