Electronic Components Datasheet Search
  English  ▼

X  

6A05 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # 6A05
Description  STANDARD RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

6A05 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  6A05 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. 6A05 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6A05 THRU 6A120
Features
· Diffused Junction
· Low Forward Voltage Drop
· High Current Capability
· High Reliability
· High Surge Current Capability
Maximum Ratings And Electrical Characteristics
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
STANDARD RECTIFIER
CURRENT 6.0 Ampere
VOLTAGE 50 to 1200 Volts
Mechanical Data
· Package : DO-201AD, Molded Plastic
· Terminals : Plated Leads Solderable per
MIL-STD-202, Method 208
· Polarity : Cathode Band
· Weight: 1.2 grams (approx.)
· Mounting Position: Any
· Marking: Type Number
· Lead Free: For RoHS / Lead Free Version
Dimensions in inches and (millimeters)
DO-201AD
0.335(8.50)
0.375(9.50)
0.048(1.20)
0.052(1.30)
DIA.
1.00(25.40)
MIN.
0.197(5.00)
0.220(5.60)
DIA.
1.00(25.40)
MIN.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Typical Thermal Resistance Junction to Lead
Average Rectified Output Current
at TA=60℃
V
Symbols
Units
A
Peak Reverse Current
at Rated DC Blocking Voltage
V
TA=25℃
TA=100℃
Items
VRRM
6.0
TJ , TSTG
50
35
RMS Reverse Voltage
IFSM
400
1.0
V
pF
Typical Junction Capacitance
IRM
CJ
5.0
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
VRWM
IO
VFM
Typical Thermal Resistance Junction to Ambient
20
Operating and Storage Temperature Range
℃/W
6A05
Forward Voltage at IF=6.0A
1.0
-50 to +150
℃
RθJA
150
Notes:
(1) Leads maintained at ambient temperature at a distance of 9.5mm from the case.
(2) Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C.
(3) Mounted on FR-4 PCB with 30mm x 30mm copper pad.
6A10 6A20 6A40 6A60 6A80 6A100 6A120
100
70
200
140
400
280
600
420
800
560
1000
700
1200
840
VR
VR(RMS)
RθJL
4.0
A
μA
mA
(1)
(2)
(3)
(3)
https://dec.co.kr
DAESAN ELECTRONIC CORP.


Similar Part No. - 6A05

ManufacturerPart #DatasheetDescription
logo
Surge Components
6A05 SURGE-6A05 Datasheet
125Kb / 2P
6.0 AMPS. SILICON RECTIFIERS????
logo
Rectron Semiconductor
6A05 RECTRON-6A05 Datasheet
24Kb / 2P
SILICON RECTIFIER
logo
Jinan Gude Electronic D...
6A05 JGD-6A05 Datasheet
149Kb / 2P
6.0 AMP.SILICON RECTIFIERS
logo
Bytes
6A05 BYTES-6A05 Datasheet
150Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Dc Components
6A05 DCCOM-6A05 Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results

Similar Description - 6A05

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DMA10P1600PZ IXYS-DMA10P1600PZ Datasheet
140Kb / 5P
Standard Rectifier
DSI30-12AS IXYS-DSI30-12AS Datasheet
140Kb / 5P
Standard Rectifier
DMA10IM1200UZ IXYS-DMA10IM1200UZ Datasheet
195Kb / 5P
Standard Rectifier
DMA50P1200HR IXYS-DMA50P1200HR Datasheet
403Kb / 5P
Standard Rectifier
DSP25-12AT IXYS-DSP25-12AT Datasheet
150Kb / 5P
Standard Rectifier
DSP45-12AZ IXYS-DSP45-12AZ Datasheet
142Kb / 5P
Standard Rectifier
DMA30IM1600PZ IXYS-DMA30IM1600PZ Datasheet
141Kb / 5P
Standard Rectifier
DMA50P1600HB IXYS-DMA50P1600HB Datasheet
355Kb / 5P
Standard Rectifier
DSI30-16A IXYS-DSI30-16A Datasheet
323Kb / 5P
Standard Rectifier
DSP45-16AZ IXYS-DSP45-16AZ Datasheet
142Kb / 5P
Standard Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com