Electronic Components Datasheet Search
  English  ▼

X  

GS1500FL Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # GS1500FL
Description  STANDARD RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

GS1500FL Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  GS1500FL Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. GS1500FL Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
FIG.2-MAXIMUM NUN-REPETITIVE PEAK FORWARD
SURGE CURRENT
NUMBER OF CYCLES
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARCTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
RATINGS AND CHARACTERISTIC CURVES GS1500FL THRU GS1510FL
100
0
25
175
150
125
75
50
1.2
0
0.3
0.9
0.6
1.5
1.2
0.4
0.6
1.4
1.0
0.8
0.01
0.1
10
1
1.8
10
1
100
0.01
0.1
10
1.0
100
0
20
80
60
40
32
0
24
40
16
8
48
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
PULSE WIDTH=300μs
1% DUTY CYCLE
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
https://dec.co.kr
DAESAN ELECTRONIC CORP.
TJ=25℃
TJ=100℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com