Electronic Components Datasheet Search
  English  ▼

X  

M2052 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # M2052
Description  SAW PLL FOR 10GBE 64B/66B FEC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2052 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button M2052 Datasheet HTML 3Page - Integrated Circuit Systems M2052 Datasheet HTML 4Page - Integrated Circuit Systems M2052 Datasheet HTML 5Page - Integrated Circuit Systems M2052 Datasheet HTML 6Page - Integrated Circuit Systems M2052 Datasheet HTML 7Page - Integrated Circuit Systems M2052 Datasheet HTML 8Page - Integrated Circuit Systems M2052 Datasheet HTML 9Page - Integrated Circuit Systems M2052 Datasheet HTML 10Page - Integrated Circuit Systems M2052 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
M2050/51/52 Datasheet Rev 1.0
7 of 12
Revised 23Jun2005
Integ r ated Circuit Systems, Inc. ● Communications Modules ● www.ics t.com ● tel (508) 852-5400
M2050/51/52
SAW PLL FOR 10GBE 64B/66B FEC
Preliminar y In f o r m atio n
Integrated
Circuit
Systems, Inc.
Optional Hitless Switching and Phase Build-out
The M2050/51/52 is available with a Hitless Switching
feature that is enabled during device manufacturing.
In addition, a Phase Build-out feature is also offered.
These features are offered as device options and are
specified by device order code. Refer to “Ordering
Information” on pg. 12.
The Hitless Switching feature (with or without Phase
Build-out) is designed for applications where switching
occurs between two stable system reference clocks. It
should not be used in loop timing applications, or when
reference clock jitter is greater than 1 ns pk-pk. The
Hitless Switching sequence is triggered by the LOL
circuit, which is activated by a 4 ns phase transient.
This magnitude of phase transient can generated by the
CDR (Clock & Data Recovery unit) in loop timing mode,
especially during a system jitter tolerance test. It can
also be generated by some types of Stratum clock
DPLLs (digital PLL), especially those that do not include
a post de-jitter APLL (analog PLL).
When the M2050/51/52 is operating in wide bandwidth
mode (NBW=0), the optional Hitless Switching function
puts the device into narrow bandwidth mode when
activated. This allows the PLL to lock the new input
clock phase gradually. With proper configuration of the
external loop filter, the output clock phase change
complies with MTIE and TDEV specifications for
GR-253 (SONET) and ITU G.813 (SDH) during input
reference clock changes.
The optional proprietary Phase Build-out (PBO)
function enables the PLL to absorb most of the phase
change of the input clock during reference switching.
The PBO function selects a new VCSO clock edge for
the PLL Phase Detector feedback clock, selecting the
edge closest in phase to the new input clock phase.
This reduces re-lock time, the generation of wander,
and extra output clock cycles.
The Hitless Switching and Phase Build-out functions
are triggered by the LOL circuit. For proper operation,
a low phase detector frequency must be avoided. See
“Guidelines for Using LOL” on pg. 6 for information
regarding the phase detector frequency.
HS/PBO Sequence Trigger Mechanism
The HS function (or the combined HS/PBO function)
is armed after the device locks to the input clock
reference. Once armed, HS is triggered by the
occurance of a Loss of Lock condition. This would
typically occur as a consequence of a clock reference
failure, a clock failure upstream to the M2050/51/52, or
a M2050/51/52 clock reference mux reselection.
HS/PBO Operation
Once triggered, the following HS/PBO sequence
occurs:
1. The HS function disables the PLL Phase Detector
and puts the device into NBW (narrow bandwidth)
mode. The internal resistor Rin is changed to
2100k
Ω . See the Narrow Bandwidth (NBW) Control
Pin on pg. 6.
2. If included, the PBO function adds to (builds out) the
phase in the clock feedback path (in VCSO clock
cycle increments) to align the feedback clock with
the (new) reference clock input phase.
3. The PLL Phase Detector is enabled, allowing the
PLL to re-lock.
4. Once the PLL Phase Detector feedback and input
clocks are locked to within 2 nsec for 8 consecutive
cycles, a timer (WBW timer) for resuming wide
bandwidth (in 175 nsec) is started.
5. When the WBW timer times out, the device reverts
to wide loop bandwidth mode (i.e., Rin is returned to
100k
Ω) and the HS/PBO function is re-armed.
The LOL pin will indicate lock status on a cycle-to-cycle
basis and may be intermittent until PLL phase lock has
fully stabilized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com