Electronic Components Datasheet Search
  English  ▼

X  

S1DF Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # S1DF
Description  STANDARD RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

S1DF Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  S1DF Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. S1DF Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S1AF THRU S1MF
Features
· For surface mounted applications
· Low profile package
· Glass passivated chip junction
· Easy to pick and place
· Lead free in comply with EU RoHS 2011/65/EU
directives
Maximum Ratings And Electrical Characteristics
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4V D.C
(2) P.C.B mounted with 0.2 X 0.2” (5 x 5 mm) copper pad areas.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Peak forward surge current : 8.3ms single
half sine-wave superimposed on rated load
(JEDEC Method)
VDC
Maximum average forward rectified current
at Ta=65℃
V
Symbols
Units
VF
VRMS
A
IFSM
TJ, TSTG
℃
A
Maximum DC reverse current
at rated DC blocking voltage
Maximum instantaneous forward voltage
at 1A
Typical thermal resistance
V
μA
℃/W
TA=25℃
TA=125℃
Typical junction capacitance
RθJA
IR
Items
Mechanical Data
· Case : SMAF
· Terminals : Solderable per MIL-STD-750,
Method 2026
· Weight : 0.027 gram (approx.)
VRRM
IF(AV)
V
V
1
Dimensions in inches and (millimeters)
S1AF
50
35
50
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
30
1.1
50
5
4
-55 to +150
7
ο
7
ο
Operating and storage temperature range
STANDARD RECTIFIER
CURRENT 1.0 A
VOLTAGE 50 to 1000 V
CJ
180
100
70
100
pF
S1BF
S1DF S1GF
S1JF
S1KF
S1MF
SMAF
0.094(2.40)
0.106(2.70)
0.173(4.40)
0.193(4.90)
0.035(0.90)
0.043(1.10)
0.0047(0.12)
0.0079(0.20)
0.031(0.80)
0.047(1.20)
0.130(3.30)
0.146(3.70)
0.031(0.80)
0.047(1.20)
0.051(1.30)
0.063(1.60)
0.094(2.40)
0.106(2.70)
(NOTE 1)
(NOTE 2)
https://dec.co.kr
DAESAN ELECTRONIC CORP.


Similar Part No. - S1DF

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
S1DF YENYO-S1DF Datasheet
204Kb / 2P
1.0A General Purpose Rectifier
logo
Microdiode Semiconducto...
S1DF CHENDA-S1DF Datasheet
646Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S1DF YFWDIODE-S1DF Datasheet
119Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Chongqing Pingwei Enter...
S1DF CHONGQING-S1DF Datasheet
177Kb / 1P
1.0AMP. GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
logo
Guangdong Juxing Electr...
S1DF JUXING-S1DF Datasheet
639Kb / 3P
Surface Mount Standard Rectifiers
More results

Similar Description - S1DF

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DMA10P1600PZ IXYS-DMA10P1600PZ Datasheet
140Kb / 5P
Standard Rectifier
DSI30-12AS IXYS-DSI30-12AS Datasheet
140Kb / 5P
Standard Rectifier
DMA10IM1200UZ IXYS-DMA10IM1200UZ Datasheet
195Kb / 5P
Standard Rectifier
DMA50P1200HR IXYS-DMA50P1200HR Datasheet
403Kb / 5P
Standard Rectifier
DSP25-12AT IXYS-DSP25-12AT Datasheet
150Kb / 5P
Standard Rectifier
DSP45-12AZ IXYS-DSP45-12AZ Datasheet
142Kb / 5P
Standard Rectifier
DMA30IM1600PZ IXYS-DMA30IM1600PZ Datasheet
141Kb / 5P
Standard Rectifier
DMA50P1600HB IXYS-DMA50P1600HB Datasheet
355Kb / 5P
Standard Rectifier
DSI30-16A IXYS-DSI30-16A Datasheet
323Kb / 5P
Standard Rectifier
DSP45-16AZ IXYS-DSP45-16AZ Datasheet
142Kb / 5P
Standard Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com