Electronic Components Datasheet Search
  English  ▼

X  

SS320AF Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SS320AF
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SS320AF Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SS320AF Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SS320AF Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS32AF THRU SS320AF
Features
· For surface mounted applications
· Ideal for automated placement
· Low reverse leakage
· High forward surge current capability
· High temperature soldering:
250℃/10 seconds at terminals
· Component in accordance to
RoHS 2011/65/EU and WEEE 2002/96/EC
Maximum Ratings And Electrical Characteristics
(Ratings at 25℃ ambient temperature unless otherwise noted.)
Notes:
(1) Mounted with 8.0mm2 (.013mm thick) land areasFR4 Board.
(2) Pulse test: 300 μs pulse width, 1 % duty cycle
Maximum repetitive peak reverse voltage
Maximum RMS voltage
V
Symbols
Units
℃
A
Thermal resistance from junction to lead
V
TA=25℃
TA=125℃
RθJL
Items
Mechanical Data
· Case: JEDEC SMAF Molding compound meets
UL 94 V-0 flammability rating
· Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
· Polarity : Laser band denotes cathode end
VRRM
V
Dimensions in inches and (millimeters)
Storage temperature range
SCHOTTKY BARRIER RECTIFIER
CURRENT 3.0 A
VOLTAGE 20 to 200 V
SMAF
0.047(1.20)
0.063(1.60)
SS32AF
20
14
20
-55 to +150
35
3.0
80
IF(AV)
VDC
TSTG
℃
-55 to +150
-55 to +125
Operating junction temperature range
TJ
Maximum DC blocking voltage
0.130(3.30)
0.146(3.70)
0.090(2.30)
0.110(2.80)
0.035(0.90)
0.051(1.30)
0.169(4.30)
0.193(4.90)
0.002(0.05)
0.011(0.30)
0.004(0.10) MAX.
0.020(0.50)
0.047(1.20)
VRMS
SS36AF
60
42
60
SS38AF
80
56
80
SS310AF
100
70
100
40
28
40
SS34AF
SS315AF
150
105
150
SS320AF
200
140
140
A
Maximum average forward rectified current
at TL (see Fig.1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
℃/W
IFSM
mA
V
0.55
0.70
0.85
0.95
0.5
50
0.05
10
Maximum instantaneous forward voltage
at IF=3.0A
Maximum DC reverse current
at rated DC blocking voltage
VF
IR
(1)
CATHODE BAND
(2)
https://dec.co.kr
DAESAN ELECTRONIC CORP.


Similar Part No. - SS320AF

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
SS320AF YINT-SS320AF Datasheet
482Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
SS320AF SAMYANG-SS320AF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
More results

Similar Description - SS320AF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com