Electronic Components Datasheet Search
  English  ▼

X  

RF2L16180CF2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # RF2L16180CF2
Description  180 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L16180CF2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RF2L16180CF2 Datasheet HTML 5Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 6Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 7Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 8Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 9Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 10Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 11Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 12Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Revision history
Table 10. Document revision history
Date
Version
Changes
20-Jul-2020
1
Initial release
14-Apr-2021
2
Updated Features, Description and Device summary in cover page.
Updated Table 1. Absolute maximum ratings (TC = 25 °C). and Table 3. ESD protection.
Updated Table 4. Static and Table 5. Dynamic.
Updated Figure 1. Power gain and drain efficiency vs output power (1440 to 1470 MHz).
Updated Table 8. Components list.
Added Section 5.2 Marking information.
Minor text changes.
RF2L16180CF2
DS13308 - Rev 2
page 11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com